Zakładka z wyszukiwarką danych komponentów |
|
NBN4-F25K-2E2 Arkusz danych(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
NBN4-F25K-2E2 Arkusz danych(HTML) 1 Page - Pepperl+Fuchs Inc. |
1 / 2 page 1 Inductive sensor NBN4-F25K-2E2 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com Model Number NBN4-F25K-2E2 Features • Direct mounting on standard actuators • Small construction with sturdy plastic housing of protection class IP 67 • Plug-in terminals •LED for power on Accessories BT32 Activator for F25 series BT33 Activator for F25 series BT34 Activator for F25 series BT32XAS Activator for F25 series BT43-RG-01 Activator for F25 series including protective housing and mounting plate Technical Data General specifications Switching function 2 x normally open (NO) Output type PNP Rated operating distance sn 4 mm Installation flush mountable Output polarity DC Assured operating distance sa 0 ... 3.24 mm Actual operating distance sr 3.6 ... 4.4 mm typ. Reduction factor rAl 0.5 Reduction factor rCu 0.4 Reduction factor r304 1 Reduction factor rSt37 1.1 Output type 3-wire Nominal ratings Operating voltage UB 10 ... 30 V DC Switching frequency f 0 ... 1000 Hz Hysteresis H typ. 5 % Reverse polarity protection reverse polarity protected Short-circuit protection pulsing Voltage drop Ud ≤ 2.5 V Design data Operating current IL 0 ... 200 mA Off-state current Ir 0 ... 0.5 mA typ. 0.1 µA at 25 °C No-load supply current I0 ≤ 22.5 mA Time delay before availability tv ≤ 100 ms Operating voltage indicator LED, green Switching state indicator LED, yellow Functional safety related parameters MTTFd 860 a Mission Time (TM) 20 a Diagnostic Coverage (DC) 0 % Ambient conditions Ambient temperature -25 ... 70 °C (-13 ... 158 °F) Storage temperature -40 ... 85 °C (-40 ... 185 °F) Mechanical specifications Connection (system side) screw terminal , M20 x 1.5 cable gland Housing material PBT Sensing face PC Degree of protection IP67 Mass 98 g Tightening torque, fastening screws M5 x 25 : 2.7 Nm Note Mounted on mechanical drive Compliance with standards and directives Standard conformity Standards EN 60947-5-2:2007 EN 60947-5-2/A1:2012 IEC 60947-5-2:2007 IEC 60947-5-2 AMD 1:2012 Approvals and certificates UL approval cULus Listed CCC approval CCC approval / marking not required for products rated ≤36 V |
Podobny numer części - NBN4-F25K-2E2 |
|
Podobny opis - NBN4-F25K-2E2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |