Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S3M30KXD Arkusz danych(PDF) 4 Page - Tripp Lite. All Rights Reserved

Numer części S3M30KXD
Szczegółowy opis  SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

S3M30KXD Arkusz danych(HTML) 4 Page - Tripp Lite. All Rights Reserved

  S3M30KXD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved S3M30KXD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved S3M30KXD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved S3M30KXD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved S3M30KXD Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PHYSICAL
Cooling Method
Fans
Installation Form Factors Supported
with Included Accessories
Tower
Primary Form Factor
Tower
Primary UPS Depth (mm)
815
Primary UPS Height (mm)
1,000
Primary UPS Width (mm)
300
Shipping Dimensions (hwd / in.)
47.44 x 16.90 x 36.22
Shipping Weight (kg)
280.77
UPS Housing Material
Steel
UPS Power Module Dimensions
(Height x Width x Depth, mm)
1000 x 300 x 815
UPS Power Module Dimensions
(hwd, in.)
39.37 x 11.81 x 32.08
UPS Power Module Weight (kg)
264.90
UPS Power Module Weight (lbs.)
584
ENVIRONMENTAL
Operating Temperature Range
0 to +40C (32-104F)
Storage Temperature Range
0 to +35C (32 to 95F) with battery; -15 to 60C (5 to +140F) without battery
Relative Humidity
5 to 95%, non-condensing
Operating Elevation (ft.)
< 3280ft (Capacity de-rates by 1% for every 328ft over 3280ft )
Audible Noise
<60dBA at 1meter
Operating Elevation (m)
< 1000m (Capacity de-rates by 1% for every 100m over 1000m)
COMMUNICATIONS
Communications Interface
DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Management Cards
&nbsp;<a class="productLink" href="//www.tripplite.com/Web-Management-Accessory-
Card~WEBCARDLX">WEBCARDLX</a>&nbsp;; &nbsp;<a class="productLink"
href="//www.tripplite.com/Programmable-RS-485-Management-Accessory-Card-for-Select-3-Phase-UPS-
Systems~MODBUSCARDSV">MODBUSCARDSV</a>&nbsp;; &nbsp;<a class="productLink"
href="//www.tripplite.com/Programmable-Relay-I-O-Card-Tripp-Lite-SVTX-SVX-SV-UPS-
Systems~RELAYCARDSV">RELAYCARDSV</a>&nbsp;
Network Monitoring Port Description
Card accessory slot supports network management interface or programmable I/O relay card options
Communications Cable
DB9/RS-232 cable included
LINE / BATTERY TRANSFER
Transfer Time
Zero transfer time Online to Battery, Inverter to Bypass 0ms (Synchronous), and Inverter to ECO mode < 10ms.
Low Voltage Transfer to Battery
Power (Setpoint)
120V(Ph-N), 208V (Ph-Ph) @ 50% load / 176V (Ph-N), 305V (Ph-Ph) @ 100% load.
4 / 5


Podobny numer części - S3M30KXD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
S3M30KXD-NIB TRIPPLITE-S3M30KXD-NIB Datasheet
179Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input, No Internal Batteries
More results

Podobny opis - S3M30KXD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
S3M30KX TRIPPLITE-S3M30KX Datasheet
176Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS
S3M30KXD-NIB TRIPPLITE-S3M30KXD-NIB Datasheet
179Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input, No Internal Batteries
S3M100KXD TRIPPLITE-S3M100KXD Datasheet
187Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 100kVA 90kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M40KXD TRIPPLITE-S3M40KXD Datasheet
179Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 40kVA 36kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M160KXD TRIPPLITE-S3M160KXD Datasheet
183Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 160kVA 144kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M80KXD TRIPPLITE-S3M80KXD Datasheet
178Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 80kVA 72kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M60KXD TRIPPLITE-S3M60KXD Datasheet
178Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 60kVA 54kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M200KXD TRIPPLITE-S3M200KXD Datasheet
183Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 200kVA 180kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M120KXD TRIPPLITE-S3M120KXD Datasheet
187Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 120kVA 108kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M30KX-NIB TRIPPLITE-S3M30KX-NIB Datasheet
179Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS (No Internal Batteries)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com