Zakładka z wyszukiwarką danych komponentów |
|
MC14511BCP Arkusz danych(PDF) 10 Page - ON Semiconductor |
|
MC14511BCP Arkusz danych(HTML) 10 Page - ON Semiconductor |
10 / 12 page MC14511B http://onsemi.com 10 PACKAGE DIMENSIONS SOIC–16 DW SUFFIX PLASTIC SOIC PACKAGE CASE 751G–03 ISSUE B D 14X B 16X SEATING PLANE S A M 0.25 B S T 16 9 8 1 B A e T C q NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INLCUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM MIN MAX MILLIMETERS A 2.35 2.65 A1 0.10 0.25 B 0.35 0.49 C 0.23 0.32 D 10.15 10.45 E 7.40 7.60 e 1.27 BSC H 10.05 10.55 h 0.25 0.75 L 0.50 0.90 q 0 7 _ _ |
Podobny numer części - MC14511BCP |
|
Podobny opis - MC14511BCP |