Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS42L51-CNZR Arkusz danych(PDF) 9 Page - Cirrus Logic

Numer części CS42L51-CNZR
Szczegółowy opis  Low Power, Stereo CODEC with Headphone Amp
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51-CNZR Arkusz danych(HTML) 9 Page - Cirrus Logic

Back Button CS42L51-CNZR Datasheet HTML 5Page - Cirrus Logic CS42L51-CNZR Datasheet HTML 6Page - Cirrus Logic CS42L51-CNZR Datasheet HTML 7Page - Cirrus Logic CS42L51-CNZR Datasheet HTML 8Page - Cirrus Logic CS42L51-CNZR Datasheet HTML 9Page - Cirrus Logic CS42L51-CNZR Datasheet HTML 10Page - Cirrus Logic CS42L51-CNZR Datasheet HTML 11Page - Cirrus Logic CS42L51-CNZR Datasheet HTML 12Page - Cirrus Logic CS42L51-CNZR Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
DS679A2
9
CS42L51
1.1
Digital I/O Pin Characteristics
The logic level for each input should adhere to the corresponding power rail and should not exceed the maximum
ratings.
Power
Rail
Pin Name
SW/(HW)
I/O
Driver
Receiver
VL
RESET
Input
-
1.8 V - 3.3 V
SCL/CCLK
(I²S/LJ)
Input
-
1.8 V - 3.3 V, with Hysteresis
SDA/CDIN
(MCLKDIV2)
Input/Output
1.8 V - 3.3 V, CMOS/Open Drain
1.8 V - 3.3 V, with Hysteresis
AD0/CS
(DEM)
Input
-
1.8 V - 3.3 V
MCLK
Input
-
1.8 V - 3.3 V
LRCK
Input/Output
1.8 V - 3.3 V, CMOS
1.8 V - 3.3 V
SCLK
Input/Output
1.8 V - 3.3 V, CMOS
1.8 V - 3.3 V
SDOUT
(M/S)
Input/Output
1.8 V - 3.3 V, CMOS
1.8 V - 3.3 V
SDIN
Input
-
1.8 V - 3.3 V
Table 1. I/O Power Rails


Podobny numer części - CS42L51-CNZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42L51-CNZR CIRRUS-CS42L51-CNZR Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
More results

Podobny opis - CS42L51-CNZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com