Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CS4265 Arkusz danych(PDF) 5 Page - Cirrus Logic

Numer części CS4265
Szczegółowy opis  105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Arkusz danych(HTML) 5 Page - Cirrus Logic

  CS4265 Datasheet HTML 1Page - Cirrus Logic CS4265 Datasheet HTML 2Page - Cirrus Logic CS4265 Datasheet HTML 3Page - Cirrus Logic CS4265 Datasheet HTML 4Page - Cirrus Logic CS4265 Datasheet HTML 5Page - Cirrus Logic CS4265 Datasheet HTML 6Page - Cirrus Logic CS4265 Datasheet HTML 7Page - Cirrus Logic CS4265 Datasheet HTML 8Page - Cirrus Logic CS4265 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
CS4265
DS657A2
5
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
SDA
1
Serial Control Data (Input/Output) - Bidirectional data line for the I²C control port.
SCL
2
Serial Control Port Clock (Input) - Serial clock for the I²C control port.
VLC
3
Control Port Power (Input) - Determines the required signal level for the control port interface. Refer to
the Recommended Operating Conditions for appropriate voltages.
RESET
4
Reset (Input) - The device enters a low power mode when this pin is driven low.
VA
5
Analog Power (Input) - Positive power for the internal analog section.
AGND
6
Analog Ground (Input) - Ground reference for the internal analog section.
AINA
AINB
7,
8
Analog Input (Input) - The full scale level is specified in the ADC Analog Characteristics specification
table.
SGND
9
Signal Ground (Input) - Ground reference for the analog line inputs.
AFILTA
AFILTB
10,
11
Antialias Filter Connection (Output) - Antialias filter connection for the ADC inputs.
VQ
12
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
FILT+
13
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
MICIN1
MICIN2
14,
15
Microphone Input (Input) - The full scale level is specified in the ADC Analog Characteristics specifica-
tion table.
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Top-Down (Through Package) View
32-Pin QFN Package
SDA
SCL
VLC
RESET
VA
AGND
AINA
AINB
SDIN2
TXSDIN
VLS
MUTEC
AOUTB
AOUTA
AGND
VA
Thermal Pad


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn