Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CS4265 Arkusz danych(PDF) 4 Page - Cirrus Logic

Numer części CS4265
Szczegółowy opis  105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Arkusz danych(HTML) 4 Page - Cirrus Logic

  CS4265 Datasheet HTML 1Page - Cirrus Logic CS4265 Datasheet HTML 2Page - Cirrus Logic CS4265 Datasheet HTML 3Page - Cirrus Logic CS4265 Datasheet HTML 4Page - Cirrus Logic CS4265 Datasheet HTML 5Page - Cirrus Logic CS4265 Datasheet HTML 6Page - Cirrus Logic CS4265 Datasheet HTML 7Page - Cirrus Logic CS4265 Datasheet HTML 8Page - Cirrus Logic CS4265 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
CS4265
4
DS657A2
6.9 ADC Input Control - Address 09h ................................................................................... 37
6.10 DAC Channel A Volume Control - Address 0Ah ........................................................... 38
6.11 DAC Channel B Volume Control - Address 0Bh ........................................................... 38
6.12 DAC Control 2 - Address 0Ch ....................................................................................... 38
6.13 Status - Address 0Dh .................................................................................................... 39
6.14 Status Mask - Address 0Eh .......................................................................................... 40
6.15 Status Mode MSB - Address 0Fh ................................................................................. 40
6.16 Status Mode LSB - Address 10h ................................................................................... 40
6.17 Transmitter Control 1 - Address 11h ............................................................................. 40
6.18 Transmitter Control 2 - Address 12h ............................................................................. 41
7. PARAMETER DEFINITIONS ................................................................................................. 43
8. PACKAGE DIMENSIONS ..................................................................................................... 44
9. THERMAL CHARACTERISTICS AND SPECIFICATIONS ................................................. 44
Appendix A: DAC Filter Plots
......................................................................................... 45
Appendix B: ADC Filter Plots
.............................................................................................. 47
Appendix C: External IEC60958-3 Transmitter Components .............................................. 49
C.1 IEC60958-3 Transmitter External Components ............................................................. 49
C.2 Isolating Transformer Requirements .............................................................................. 49
Appendix D: Channel Status Buffer Management ............................................................... 50
D.1 IEC60958-3 Channel Status (C) Bit Management ......................................................... 50
D.1.1 Accessing the E buffer ....................................................................................... 50
D.1.2 Serial Copy Management System (SCMS) ....................................................... 51
D.1.3 Channel Status Data E Buffer Access ............................................................... 51
D.1.3.1 One Byte mode ................................................................................... 51
D.1.3.2 Two Byte mode ................................................................................... 51


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn