Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDB5368 Arkusz danych(PDF) 8 Page - Cirrus Logic

Numer części CDB5368
Szczegółowy opis  114 dB, 192 kHz, 8-Channel A/D Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Arkusz danych(HTML) 8 Page - Cirrus Logic

Back Button CDB5368 Datasheet HTML 4Page - Cirrus Logic CDB5368 Datasheet HTML 5Page - Cirrus Logic CDB5368 Datasheet HTML 6Page - Cirrus Logic CDB5368 Datasheet HTML 7Page - Cirrus Logic CDB5368 Datasheet HTML 8Page - Cirrus Logic CDB5368 Datasheet HTML 9Page - Cirrus Logic CDB5368 Datasheet HTML 10Page - Cirrus Logic CDB5368 Datasheet HTML 11Page - Cirrus Logic CDB5368 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
10
DS624A1
CS5368
Pin Name
Pin #
Pin Description
AIN2+AIN2-
AIN4+AIN4-
AIN3+AIN3-
AIN7+AIN7-
AIN8+AIN8-
AIN6+AIN6-
AIN5+AIN5-
AIN1+AIN1-
1,2,
11,12
13,14
15,16
17,18
43,44
45,46
47,48
Differential Analog (Inputs) - Audio signals are presented differently to the delta
sigma modulators via the AIN+/- pins.
GND
3,8
10,19
29,32
Ground (Input) Ground reference. Must be connected to analog ground.
VA
4,9
Analog Power (Input) - Positive power supply for the analog section
VQ
7
Quiescent Voltage (Output) - Filter connection for the internal quiescent reference
voltage.
VX
20
XTAL Power
VLS
28
Serial Audio Interface Power - Positive power for the serial audio interface.
VD
33
Digital Power (Input)- Positive power supply for the digital section/
VLC
35
Control Port Interface Power - Positive power for the control port interface.
REF_GND
5
Reference Ground (Input) - For the internal sampling circuits.
FILT+
6
Positive Voltage Reference (Output) - Reference voltage for internal sampling cir-
cuits.
XTIXTO
21
22
Crystal Oscillator Connections (Input/Output) - I/O pins for an external crystal which
may be used to generate MCLK.
MCLK
23
System Master Clock (Input/Output) - When a crystal is used, this pin acts as a buff-
ered MCLK Source (Output). When the oscillator function is not used, this pin acts as
an input for the system master clock. In this case, the XTI and XTO pins must be tied
low.
LRCK/FS
24
Serial Audio Channel Clock (Input/Output)
In I²S mode Serial Audio Channel Select. When high, the odd channels are selected.
In LJ mode Serial Audio Channel Select. When low, the odd channels are selected.
In TDM Mode a frame sync signal. When high, it marks the beginning of a new frame of
serial audio samples. In Slave Mode, this pin acts as an input pin.
SCLK
25
Main timing clock for the Serial Audio Interface(Input/Output). During Master Mode,
this pin acts as an output, and during Slave Mode it acts as an input pin.
SDOUT4/TDMC
26
Serial Audio Data (Output) Channels 7,8.
SDOUT2/TDMC
27
Serial Audio Data (Output) Channels 3,4.
SDOUT1/TDM
30
Serial Audio Data (Output) Channels 1,2.
SDOUT3/TDM
31
Serial Audio Data (Output) Channels 5,6.
OVFL
36
Overflow (Output, open drain) - Detects an overflow condition on both left and right
channels.
RST
41
Reset (Input) - The device enters a low power mode when low.


Podobny numer części - CDB5368

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CDB5368 CIRRUS-CDB5368 Datasheet
709Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CDB5368 CIRRUS-CDB5368 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CDB5368 CIRRUS-CDB5368 Datasheet
385Kb / 42P
   114 dB, 192 kHz, 8-Channel A/D Converter
More results

Podobny opis - CDB5368

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com