Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA2400A Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części SA2400A
Szczegółowy opis  Single chip transceiver for 2.45 GHz ISM band
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2400A Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button SA2400A Datasheet HTML 7Page - NXP Semiconductors SA2400A Datasheet HTML 8Page - NXP Semiconductors SA2400A Datasheet HTML 9Page - NXP Semiconductors SA2400A Datasheet HTML 10Page - NXP Semiconductors SA2400A Datasheet HTML 11Page - NXP Semiconductors SA2400A Datasheet HTML 12Page - NXP Semiconductors SA2400A Datasheet HTML 13Page - NXP Semiconductors SA2400A Datasheet HTML 14Page - NXP Semiconductors SA2400A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Philips Semiconductors
Product data
SA2400A
Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
11
Specification
Units
Max
Typ
Min
Conditions
LO leakage to antenna
All gain modes. Incl balun
–75
–57
dBm
Residual sideband Rejection
Measured with single tone at 2 MHz offset from
carrier. Includes both IQ gain and phase error.
Notes 3, 7.
22
29
dB
Ripple band width of filter
Note 4.
5.6
6.3
7.0
MHz
3 dB band width of filter
Indicative, not tested.
Note 4.
7
MHz
In-band amplitude ripple
DC to ripple band width edge.
Note 3.
0.6
dB peak
Out-of-band attenuation
Relative to minimum in-band gain
> 11 MHz
25
dB
> 22 MHz
55
dB
Lower 3 dB cut-off frequency of AC
li
Cascade of two 1st order high-pass filters.
coupling
a) NARROW BAND
10
kHz
b) INTERMEDIATE BAND
100
kHz
c) WIDE BAND
1000
kHz
Output load resistance
Pin to GND, differential.
Note 5.
15
k
Output load capacitance
Pin to GND
6
pF
Nominal I & Q output voltage
Differential at the load specified.
Note 6.
0.5
V peak
Maximum I & Q output voltage
Saturated, differential
1.5
V peak
Common mode IQ voltage
Programmable (see 0x04)
Mode 1
VCC/2–0.25 VCC/2
VCC/2+0.25 V
Mode 2
1.0
1.25
1.5
V
1 dB compression level at output
1 MHz tone, differential. Maximum gain.
1
V peak
Total Harmonic Distortion
(measured at max and min gains)
Input 1 – 5 MHz signal, 1 V peak differential
sinusoidal at output, output spurs measured
differential up to 100 MHz. Ratio of rms total
spurious distortion to rms fundamental.
Receiver in minimum gain.
Note 3.
2
4
%
Receiver in maximum gain.
Note 3.
5
10
%
Phase Imbalance
Signal tone input at 2 MHz offset from carrier.
Indicative, not tested.
4
deg
I, /I to Q, /Q amplitude imbalance
ratio of signal at I pin to /I pin;
Same for Q and /Q pins.
0.1
dB
RSSI voltage in settled state
(internal AGC)
Corresponds to I, Q output signal levels when
AGC_RESET is used, with RF input
between –10 and –80 dBm.
1 MHz tone, 0.5 V peak differential.
ACGTARGET = 0
1.25
1.55
1.95
V
RSSI voltage difference
1 dB change in input power compared to
settled state
64.5
mV
RSSI minimum voltage
Signal power = –10 dBc
0.9
V
RSSI maximum output voltage
Signal power = +10 dBc
2.2
V
RSSI error
–10 dBc < signal power < +10 dBc
±1
dB
NOTES:
1. Corresponds to –15 dBm input level at IC input, assuming typical 5 dB loss from the antenna to the IC input. The AGCTARGET register
should be set to “+5” which causes the AGC to settle to an output amplitude greater than the specified nominal value. A resistive divider
network at the output can be used to adjust the actual IQ output levels to the BB ADC range.
2. Guaranteed by design.
3. Verified by bench characterization and found to have sufficient margin for production.
4. At power-up time, the filter bandwidth is undefined. It needs to be calibrated with the internal tuner (FCALIB mode).
5. For unsymmetrical loading, attach the same load impedance to the unused pin; condition: for 80% of nominal output voltage swing.
6. Nominal I/Q output levels are understood as the levels the SA2400A will settle to after an AGCRESET action is performed with an RF input
signal modulated by a Barker sequence, and with AGCTARGET = 0.
7. RSB = 20*log(sqrt([1+K2 + 2Kcos
ϕ]/[1+K2 – 2Kcosϕ])), where K = linear gain imbalance, and ϕ = phase imbalance.


Podobny numer części - SA2400A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taoglas antenna solutio...
SA2400 TAOGLAS-SA2400 Datasheet
184Kb / 3P
   2.4 GHz Steerable Wi-Fi Motorized Antenna Array
More results

Podobny opis - SA2400A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
STMicroelectronics
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
logo
List of Unclassifed Man...
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
logo
Microchip Technology
MRF49XAT-I-ST MICROCHIP-MRF49XAT-I-ST Datasheet
1Mb / 102P
   ISM Band Sub-GHz RF Transceiver
08/02/11
logo
ATMEL Corporation
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
   2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com