Zakładka z wyszukiwarką danych komponentów |
|
MC14051BDTR2G Arkusz danych(PDF) 10 Page - ON Semiconductor |
|
MC14051BDTR2G Arkusz danych(HTML) 10 Page - ON Semiconductor |
10 / 12 page MC14051B, MC14052B, MC14053B http://onsemi.com 10 PACKAGE DIMENSIONS PDIP−16 P SUFFIX PLASTIC DIP PACKAGE CASE 648−08 ISSUE T NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. −A− B F C S H G D J L M 16 PL SEATING 18 9 16 K PLANE −T− M A M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.740 0.770 18.80 19.55 B 0.250 0.270 6.35 6.85 C 0.145 0.175 3.69 4.44 D 0.015 0.021 0.39 0.53 F 0.040 0.70 1.02 1.77 G 0.100 BSC 2.54 BSC H 0.050 BSC 1.27 BSC J 0.008 0.015 0.21 0.38 K 0.110 0.130 2.80 3.30 L 0.295 0.305 7.50 7.74 M 0 10 0 10 S 0.020 0.040 0.51 1.01 _ _ _ _ SOIC−16 D SUFFIX PLASTIC SOIC PACKAGE CASE 751B−05 ISSUE J NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 18 16 9 SEATING PLANE F J M R X 45 _ G 8 PL P −B− −A− M 0.25 (0.010) B S −T− D K C 16 PL S B M 0.25 (0.010) A S T DIM MIN MAX MIN MAX INCHES MILLIMETERS A 9.80 10.00 0.386 0.393 B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.054 0.068 D 0.35 0.49 0.014 0.019 F 0.40 1.25 0.016 0.049 G 1.27 BSC 0.050 BSC J 0.19 0.25 0.008 0.009 K 0.10 0.25 0.004 0.009 M 0 7 0 7 P 5.80 6.20 0.229 0.244 R 0.25 0.50 0.010 0.019 __ __ |
Podobny numer części - MC14051BDTR2G |
|
Podobny opis - MC14051BDTR2G |