Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6662 Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRF6662
Szczegółowy opis  DirectFet Power MOSFET Typical values (unless otherwise specified)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6662 Arkusz danych(HTML) 4 Page - International Rectifier

  IRF6662 Datasheet HTML 1Page - International Rectifier IRF6662 Datasheet HTML 2Page - International Rectifier IRF6662 Datasheet HTML 3Page - International Rectifier IRF6662 Datasheet HTML 4Page - International Rectifier IRF6662 Datasheet HTML 5Page - International Rectifier IRF6662 Datasheet HTML 6Page - International Rectifier IRF6662 Datasheet HTML 7Page - International Rectifier IRF6662 Datasheet HTML 8Page - International Rectifier IRF6662 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6662
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
≤60µs PULSE WIDTH
Tj = 25°C
6.0V
3
4
5
6
7
8
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 10V
≤60µs PULSE WIDTH
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
VGS = 10V
ID = 8.2A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
6.0V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
Fig 9. Typical On-Resistance vs. Drain Current
0
10
20
30
40
50
60
ID, Drain Current (A)
15
20
25
30
35
40
45
TJ = 25°C
Vgs = 7.0V
Vgs = 8.0V
Vgs = 10V
Vgs = 15V


Podobny numer części - IRF6662

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6662PBF IRF-IRF6662PBF Datasheet
253Kb / 10P
   DirectFET??Power MOSFET
IRF6662PBF IRF-IRF6662PBF Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF6662TRPBF IRF-IRF6662TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6662TRPBF IRF-IRF6662TRPBF Datasheet
253Kb / 10P
   DirectFET??Power MOSFET
More results

Podobny opis - IRF6662

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6655 IRF-IRF6655 Datasheet
257Kb / 10P
   DirectFET Power MOSFET Typical values (unless otherwise specified)
IRF6643TRPBF IRF-IRF6643TRPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET - Typical value (unless otherwise specified)
IRF6645 IRF-IRF6645 Datasheet
245Kb / 9P
   DirectFET Power MOSFET Typical calues (unless otherwise specified)
logo
PIC GmbH
PFC-2416-3 PIC-PFC-2416-3 Datasheet
42Kb / 1P
   Nominal values unless otherwise specified
PFC-2416-4 PIC-PFC-2416-4 Datasheet
47Kb / 1P
   Nominal values unless otherwise specified
logo
Texas Instruments
LMP7702MA-NOPB TI-LMP7702MA-NOPB Datasheet
1Mb / 35P
[Old version datasheet]   Unless Otherwise Noted, Typical Values at Vs = 5V
logo
Pulse A Technitrol Comp...
C2268FNL PULSE-C2268FNL Datasheet
110Kb / 1P
   UNLESS OTHERWISE SPECIFIED
C3027NL PULSE-C3027NL Datasheet
185Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2081NL PULSE-E2081NL Datasheet
267Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2454FNL PULSE-E2454FNL Datasheet
275Kb / 2P
   UNLESS OTHERWISE SPECIFIED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com