Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF2903ZL Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF2903ZL
Szczegółowy opis  HEXFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF2903ZL Arkusz danych(HTML) 1 Page - International Rectifier

  IRF2903ZL Datasheet HTML 1Page - International Rectifier IRF2903ZL Datasheet HTML 2Page - International Rectifier IRF2903ZL Datasheet HTML 3Page - International Rectifier IRF2903ZL Datasheet HTML 4Page - International Rectifier IRF2903ZL Datasheet HTML 5Page - International Rectifier IRF2903ZL Datasheet HTML 6Page - International Rectifier IRF2903ZL Datasheet HTML 7Page - International Rectifier IRF2903ZL Datasheet HTML 8Page - International Rectifier IRF2903ZL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8/26/05
www.irf.com
1
AUTOMOTIVE MOSFET
PD - 96988A
HEXFET® Power MOSFET
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of
this design are a 175°C junction operating tempera-
ture, fast switching speed and improved repetitive
avalanche rating . These features combine to make
this design an extremely efficient and reliable device
for use in Automotive applications and a wide variety
of other applications.
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
Features
IRF2903Z
IRF2903ZS
IRF2903ZL
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
i
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
0.51
RθCS
Case-to-Sink, Flat, Greased Surface
i
0.50
–––
°C/W
RθJA
Junction-to-Ambient
ik
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
jk
–––
40
820
290
See Fig.12a, 12b, 15, 16
290
2.0
± 20
Max.
260
180
1020
75
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)
VDSS = 30V
RDS(on) = 2.4mΩ
ID = 75A
S
D
G
D2Pak
IRF2903ZS
TO-220AB
IRF2903Z
TO-262
IRF2903ZL
S
D
G
D
S
D
G
D
D
S
D
G
GD
S
Gate
Drain
Source


Podobny numer części - IRF2903ZL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF2903ZLPBF IRF-IRF2903ZLPBF Datasheet
344Kb / 11P
   AUTOMOTIVE MOSFET
IRF2903ZLPBF IRF-IRF2903ZLPBF Datasheet
352Kb / 11P
   Advanced Process Technology
More results

Podobny opis - IRF2903ZL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com