Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM-4457P3C Arkusz danych(PDF) 1 Page - Kingbright Corporation

Numer części KM-4457P3C
Szczegółowy opis  PHOTOTRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KM-4457P3C Arkusz danych(HTML) 1 Page - Kingbright Corporation

  KM-4457P3C Datasheet HTML 1Page - Kingbright Corporation KM-4457P3C Datasheet HTML 2Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPEC NO: DSAB0353
REV NO: V.1
DATE: MAR/20/2002
PAGE: 1 OF 2
APPROVED : J. Lu
CHECKED :
DRAWN: L.Q.YANG
KM-4457P3C
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Description
Made with NPN silicon phototransistor chips.
PHOTOTRANSISTOR
Features
MECHANICALLY AND SPECTRALLY MATCHED TO
THE L34 SERIES INFRARED EMITTING LED LAMP.
WATER CLEAR LENS.


Podobny numer części - KM-4457P3C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
KM-4457F3C KINGBRIGHT-KM-4457F3C Datasheet
81Kb / 3P
   1.5mm SIDE LOOK INFRA-RED ENITTING DIODE
More results

Podobny opis - KM-4457P3C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hamamatsu Corporation
S2829 HAMAMATSU-S2829 Datasheet
83Kb / 2P
   Phototransistor Subminiature package phototransistor
logo
List of Unclassifed Man...
OPT6794 ETC1-OPT6794 Datasheet
71Kb / 1P
   Phototransistor
logo
Kingbright Corporation
AM4457P3C KINGBRIGHT-AM4457P3C Datasheet
190Kb / 4P
   PHOTOTRANSISTOR
logo
Siemens Semiconductor G...
LPT85A SIEMENS-LPT85A Datasheet
63Kb / 2P
   PHOTOTRANSISTOR
logo
Lite-On Technology Corp...
LTE-4206 LITEON-LTE-4206_1 Datasheet
108Kb / 3P
   PHOTOTRANSISTOR
logo
Kingbright Corporation
WP3DP3BT-BD-P22 KINGBRIGHT-WP3DP3BT-BD-P22 Datasheet
663Kb / 4P
   Phototransistor
logo
Siemens Semiconductor G...
BPX43 SIEMENS-BPX43 Datasheet
119Kb / 2P
   PHOTOTRANSISTOR
BPX38 SIEMENS-BPX38 Datasheet
131Kb / 2P
   PHOTOTRANSISTOR
logo
Sharp Corporation
PT100MF1MP1 SHARP-PT100MF1MP1 Datasheet
396Kb / 10P
   Phototransistor
PT480E00000F SHARP-PT480E00000F Datasheet
551Kb / 9P
   Phototransistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com