Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37M812 Arkusz danych(PDF) 2 Page - SMSC Corporation

Numer części FDC37M812
Szczegółowy opis  PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M812 Arkusz danych(HTML) 2 Page - SMSC Corporation

  FDC37M812 Datasheet HTML 1Page - SMSC Corporation FDC37M812 Datasheet HTML 2Page - SMSC Corporation FDC37M812 Datasheet HTML 3Page - SMSC Corporation FDC37M812 Datasheet HTML 4Page - SMSC Corporation FDC37M812 Datasheet HTML 5Page - SMSC Corporation FDC37M812 Datasheet HTML 6Page - SMSC Corporation FDC37M812 Datasheet HTML 7Page - SMSC Corporation FDC37M812 Datasheet HTML 8Page - SMSC Corporation FDC37M812 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 198 page
background image
2
!"
Multi-Mode Parallel Port with ChiProtect
-
Standard Mode IBM PC/XT PC/AT,
and PS/2 Compatible Bidirectional
Parallel Port
-
Enhanced Parallel Port (EPP)
Compatible - EPP 1.7 and EPP 1.9
(IEEE 1284 Compliant)
-
IEEE 1284 Compliant Enhanced
Capabilities Port (ECP)
-
ChiProtect Circuitry for Protection
Against Damage Due to Printer Power-
On
-
480 Address, Up to 15 IRQ and
Three DMA Options
!"
ISA Host Interface
-
16 Bit Address Qualification
-
8 Bit Data Bus
-
IOCHRDY for ECP and IrCC
-
Three 8 Bit DMA Channels
-
Serial IRQ Interface Compatible with
Serialized IRQ Support for PCI Systems
-
PME Interface
!"
100 Pin QFP Package
GENERAL DESCRIPTION
The
FDC37M81x*
with
IrDA
v1.0
support
incorporates a keyboard interface, SMSC's true
CMOS 765B floppy disk controller, advanced
digital data separator, two 16C550A compatible
UARTs, one Multi-Mode parallel port which
includes ChiProtect circuitry plus EPP and ECP,
on-chip 12 mA AT bus drivers, one floppy direct
drive
support,
and
Intelligent
Power
Management including PME support. The true
CMOS 765B core provides 100% compatibility
with IBM PC/XT and PC/AT architectures in
addition
to
providing
data
overflow
and
underflow protection.
The SMSC advanced
digital
data
separator
incorporates
SMSC's
patented data separator technology, allowing for
ease of testing and use. Both on-chip UARTs
are
compatible
with
the
NS16C550A.
The
parallel port is compatible with IBM PC/AT
architecture, as well as IEEE 1284 EPP and
ECP.
The
FDC37M81x
incorporates
sophisticated
power
control
circuitry
(PCC)
which includes support for keyboard, mouse,
and modem ring wake-up events.
The PCC
supports multiple low power-down modes.
The FDC37M81x supports the ISA Plug-and-
Play Standard (Version 1.0a) and provides the
recommended functionality to support Windows
'95/’98.
The I/O Address, DMA Channel and
hardware IRQ of each logical device in the
FDC37M81x may be reprogrammed through the
internal configuration registers.
There are 480
I/O address location options, a Serialized IRQ
interface, and three DMA channels.
The FDC37M81x does not require any external
filter components and is therefore easy to use
and offers lower system costs and reduced
board area.
The FDC37M81x is software and
register compatible with SMSC's proprietary
82077AA core.
*The “x” in the part number is a designator that changes depending upon the particular BIOS used inside
the specific chip. “2” denotes AMI Keyboard BIOS and “7” denotes Phoenix 42i Keyboard BIOS.


Podobny numer części - FDC37M812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37M817-MS SMSC-FDC37M817-MS Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
More results

Podobny opis - FDC37M812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
National Semiconductor ...
PC87351 NSC-PC87351 Datasheet
358Kb / 86P
   PC87351 PC98 and ACPI Compliant SuperI/O with System Wake-Up Control
PC87338 NSC-PC87338 Datasheet
1Mb / 221P
   ACPI 1.0 and PC98/99 Compliant SuperI/O
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com