Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14584BDT Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14584BDT
Szczegółowy opis  Hex Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14584BDT Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14584BDT Datasheet HTML 1Page - ON Semiconductor MC14584BDT Datasheet HTML 2Page - ON Semiconductor MC14584BDT Datasheet HTML 3Page - ON Semiconductor MC14584BDT Datasheet HTML 4Page - ON Semiconductor MC14584BDT Datasheet HTML 5Page - ON Semiconductor MC14584BDT Datasheet HTML 6Page - ON Semiconductor MC14584BDT Datasheet HTML 7Page - ON Semiconductor MC14584BDT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14584B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
Vin = 0
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
µAdc
Total Supply Current (5.) (6.)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.8 µA/kHz) f + IDD
IT = (3.6 µA/kHz) f + IDD
IT = (5.4 µA/kHz) f + IDD
µAdc
Hysteresis Voltage
VH (7.)
5.0
10
15
0.27
0.36
0.77
1.0
1.3
1.7
0.25
0.3
0.6
0.6
0.7
1.1
1.0
1.2
1.5
0.21
0.25
0.50
1.0
1.2
1.4
Vdc
Threshold Voltage
Positive–Going
VT+
5.0
10
15
1.9
3.4
5.2
3.5
7.0
10.6
1.8
3.3
5.2
2.7
5.3
8.0
3.4
6.9
10.5
1.7
3.2
5.2
3.4
6.9
10.5
Vdc
Negative–Going
VT–
5.0
10
15
1.6
3.0
4.5
3.3
6.7
9.7
1.6
3.0
4.6
2.1
4.6
6.9
3.2
6.7
9.8
1.5
3.0
4.7
3.2
6.7
9.9
Vdc
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
5. The formulas given are for the typical characteristics only at 25
_C.
6. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.
7. VH = VT+ – VT– (But maximum variation of VH is specified as less than VT + max – VT – min).


Podobny numer części - MC14584BDT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14584BDTR2 ONSEMI-MC14584BDTR2 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BDTR2G ONSEMI-MC14584BDTR2G Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BDTR2G ONSEMI-MC14584BDTR2G Datasheet
99Kb / 7P
   Hex Schmitt Trigger
May, 2014 ??Rev. 9
More results

Podobny opis - MC14584BDT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com