Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1489ADG Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC1489ADG
Szczegółowy opis  Quad Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489ADG Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MC1489ADG Datasheet HTML 2Page - ON Semiconductor MC1489ADG Datasheet HTML 3Page - ON Semiconductor MC1489ADG Datasheet HTML 4Page - ON Semiconductor MC1489ADG Datasheet HTML 5Page - ON Semiconductor MC1489ADG Datasheet HTML 6Page - ON Semiconductor MC1489ADG Datasheet HTML 7Page - ON Semiconductor MC1489ADG Datasheet HTML 8Page - ON Semiconductor MC1489ADG Datasheet HTML 9Page - ON Semiconductor MC1489ADG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC1489, MC1489A
http://onsemi.com
8
ORDERING INFORMATION
Device
Package
Operating Temperature Range
Shipping
MC1489D
55 Units/Rail
MC1489DR2
SOIC−14
2500 Tape & Reel
MC1489AD
SO C
55 Units/Rail
MC1489ADG
SOIC−14
(Pb−Free)
TA = 0 to +75°C
55 Units/Rail
MC1489ADR2
SOIC−14
2500 Tape & Reel
MC1489ADR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
MC1489P
PDIP−14
25 Units/Rail
MC1489PG
PDIP−14
(Pb−Free)
TA = 0 to +75°C
25 Units/Rail
MC1489AP
PDIP−14
25 Units/Rail
MC1489M
50 Units/Rail
MC1489MEL
SOEIAJ−14
2000 Tape & Reel
MC1489AM
SO
J
50 Units/Rail
MC1489AM
SOEIAJ−14
(Pb−Free)
TA = 0 to +75°C
50 Units/Rail
MC1489AMEL
SOEIAJ−14
2000 Tape & Reel
MC1489AMEL
SOEIAJ−14
(Pb−Free)
2000 Tape & Reel
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
PDIP−14
P SUFFIX
CASE 646
SOIC−14
D SUFFIX
CASE 751A
1
14
MC1489AP
AWLYYWW
1
14
MC1489P
AWLYYWW
1
14
MC1489AD
AWLYWW
1
14
MC1489D
AWLYWW
MC1489A
ALYW
SOEIAJ−14
M SUFFIX
CASE 965
MC1489
ALYW


Podobny numer części - MC1489ADG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1489ADG ONSEMI-MC1489ADG Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
More results

Podobny opis - MC1489ADG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com