Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1496P1 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC1496P1
Szczegółowy opis  BALANCED MODULATORS/DEMODULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496P1 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC1496P1 Datasheet HTML 6Page - ON Semiconductor MC1496P1 Datasheet HTML 7Page - ON Semiconductor MC1496P1 Datasheet HTML 8Page - ON Semiconductor MC1496P1 Datasheet HTML 9Page - ON Semiconductor MC1496P1 Datasheet HTML 10Page - ON Semiconductor MC1496P1 Datasheet HTML 11Page - ON Semiconductor MC1496P1 Datasheet HTML 12Page - ON Semiconductor MC1496P1 Datasheet HTML 13Page - ON Semiconductor MC1496P1 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
11
RFC
100
mH
fC
fS
fC ± fS
fC ± nfS
nfC
nfC ± nfS
DEFINITIONS
Figure 29. Doubly Balanced Mixer
(Broadband Inputs, 9.0 MHz Tuned Output)
Figure 30. Low−Frequency Doubler
Frequency
Balanced Modulator Spectrum
L1 = 44 Turns AWG No. 28 Enameled Wire, Wound
on Micrometals Type 44−6 Toroid Core.
VCC
+8.0 Vdc
1.0 k
1.0 k
Null Adjust
0.001
mF
51
2
3
5
6.8 k
VEE
−8.0 Vdc
10 k
51
51
10 k
MC1496
0.001
mF
Local
Oscillator
Input
RF Input
100 mVrms
50 k
0.001
mF
9.5
mF
L1
5.0−80
pF
90−480 pF
9.0 MHz
Output
RL = 50W
0.01
mF
VCC
12 Vdc
3.9 k
3.9 k
5
2
3
MC1496
6.8 k
I5
VEE
−8.0 Vdc
1.0 k
10 k
10 k
100
100
100
mF 15 Vdc
100
mF
25 Vdc
+
+
100
C2
100
mF
15 Vdc Max
1.0 k
1.0 k
C2
50 k
Balance
Input
15 mVrms
L1 = 1 Turn AWG
No. 18 Wire, 7/32
″ ID
Balance
MC1496
300 MHz
Output
RL = 50W
1.0−10 pF
L1
18 nH
RFC
0.68
mH
0.001
mF
0.001
mF
1.0 k
1.0 k
VCC
+8.0 Vdc
Outp
100
0.001
mF
150 MHz
Input
10 k
10 k
100
50 k
23
18 pF
6.8 k
100
V+
VEE
−8.0 Vdc
8
4
1
10
12
6
8
4
1
10
8
4
1
10
12
6
14
5
14
14
12
6
Figure 31. 150 to 300 MHz Doubler
Carrier Fundamental
Modulating Signal
Fundamental Carrier Sidebands
Fundamental Carrier Sideband Harmonics
Carrier Harmonics
Carrier Harmonic Sidebands
1.0−10 pF


Podobny numer części - MC1496P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1496P1 ONSEMI-MC1496P1 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496P1G ONSEMI-MC1496P1G Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
More results

Podobny opis - MC1496P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com