Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1496P1 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC1496P1
Szczegółowy opis  BALANCED MODULATORS/DEMODULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496P1 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC1496P1 Datasheet HTML 1Page - ON Semiconductor MC1496P1 Datasheet HTML 2Page - ON Semiconductor MC1496P1 Datasheet HTML 3Page - ON Semiconductor MC1496P1 Datasheet HTML 4Page - ON Semiconductor MC1496P1 Datasheet HTML 5Page - ON Semiconductor MC1496P1 Datasheet HTML 6Page - ON Semiconductor MC1496P1 Datasheet HTML 7Page - ON Semiconductor MC1496P1 Datasheet HTML 8Page - ON Semiconductor MC1496P1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
2
IC = 500 kHz, IS = 1.0 kHz
IC = 500 kHz
IS = 1.0 kHz
60
40
20
0
499 kHz
500 kHz
501 kHz
IC = 500 kHz
IS = 1.0 kHz
IC = 500 kHz
IS = 1.0 kHz
499 kHz
500 kHz
501 kHz
10
8.0
6.0
4.0
2.0
0
Figure 1. Suppressed Carrier Output
Waveform
Figure 2. Suppressed Carrier Spectrum
Figure 3. Amplitude Modulation
Output Waveform
Figure 4. Amplitude−Modulation Spectrum
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Applied Voltage
(V6−V8, V10−V1, V12−V8, V12−V10, V8−V4, V8−V1, V10−V4, V6−V10, V2−V5, V3−V5)
DV
30
Vdc
Differential Input Signal
V8 − V10
V4 − V1
+5.0
±(5+I5Re)
Vdc
Maximum Bias Current
I5
10
mA
Thermal Resistance, Junction−to−Air
Plastic Dual In−Line Package
RqJA
100
°C/W
Operating Ambient Temperature Range
MC1496
MC1496B
TA
0 to +70
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
ESD
2000
400
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.


Podobny numer części - MC1496P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1496P1 ONSEMI-MC1496P1 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496P1G ONSEMI-MC1496P1G Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
More results

Podobny opis - MC1496P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com