Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1227V8IZ-2.7A Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części X1227V8IZ-2.7A
Szczegółowy opis  2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1227V8IZ-2.7A Arkusz danych(HTML) 4 Page - Intersil Corporation

  X1227V8IZ-2.7A Datasheet HTML 1Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 2Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 3Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 4Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 5Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 6Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 7Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 8Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
FN8099.1
September 15, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ................... -65°C to +135°C
Storage Temperature ........................ -65°C to +150°C
Voltage on VCC, VBACK pin
(respect to ground)...............................-0.5V to 7.0V
Voltage on SCL, SDA, X1 and X2
pin (respect to ground) ............... -0.5V to 7.0V or 0.5V
above VCC or VBACK (whichever is higher)
DC Output Current .............................................. 5 mA
Lead Temperature (Soldering, 10 sec) .............. 300°C
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute max-
imum rating conditions for extended periods may
affect device reliability.
DC OPERATING CHARACTERISTICS (Temperature = -40°C to +85°C, unless otherwise stated.)
OPERATING CHARACTERISTICS
Notes: (1) The device enters the Active state after any start, and remains active: for 9 clock cycles if the Device Select Bits in the Slave Address
Byte are incorrect or until 200nS after a stop ending a read or write operation.
(2) The device enters the Program state 200nS after a stop ending a write operation and continues for tWC.
(3) The device goes into the Timekeeping state 200nS after any stop, except those that initiate a nonvolatile write cycle; tWC after a stop
that initiates a nonvolatile write cycle; or 9 clock cycles after any start that is not followed by the correct Device Select Bits in the Slave
Address Byte.
(4) For reference only and not tested.
(5) VIL = VCC x 0.1, VIH = VCC x 0.9, fSCL = 400KHz
(6) VCC = 0V
(7) VBACK = 0V
(8) VSDA = VSCL=VCC, Others = GND or VCC
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
VCC
Main Power Supply
2.7
5.5
V
VBACK
Backup Power Supply
1.8
5.5
V
VCB
Switch to Backup Supply
VBACK -0.2
VBACK -0.1
V
VBC
Switch to Main Supply
VBACK
VBACK +0.2
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
ICC1
Read Active Supply
Current
VCC = 2.7V
400
µA
1, 5, 7, 14
VCC = 5.0V
800
µA
ICC2
Program Supply Current
(nonvolatile)
VCC = 2.7V
2.5
mA
2, 5, 7, 14
VCC = 5.0V
3.0
mA
ICC3
Main Timekeeping
Current
VCC = 2.7V
10
µA
3, 7, 8, 14, 15
VCC = 5.0V
20
µA
IBACK
Timekeeping Current –
(Low Voltage Sense
and Watchdog Timer
disabled
VBACK = 1.8V
1.25
µA
3, 6, 9, 14, 15
“See Perfor-
mance Data”
VBACK = 3.3V
1.5
µA
ILI
Input Leakage Current
10
µA
10
ILO
Output Leakage Current
10
µA
10
VIL
Input LOW Voltage
-0.5
VCC x 0.2 or
VBACK x 0.2
V13
VIH
Input HIGH Voltage
VCC x 0.7 or
VBACK x 0.7
VCC + 0.5 or
VBACK + 0.5
V13
VHYS
Schmitt Trigger Input
Hysteresis
VCC related level
.05 x VCC or
.05 x VBACK
V13
VOL1
Output LOW Voltage for
SDA and RESET
VCC = 2.7V
0.4
V
11
VCC = 5.5V
0.4
X1227


Podobny numer części - X1227V8IZ-2.7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X1227V8IZ-2.7A INTERSIL-X1227V8IZ-2.7A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227V8IZ-2.7A RENESAS-X1227V8IZ-2.7A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

Podobny opis - X1227V8IZ-2.7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com