Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TW2920 Arkusz danych(PDF) 2 Page - Tallysman Wireless Inc.

Numer części TW2920
Szczegółowy opis  TW2920 Wideband GPS/GLONASS/BeiDou/Galileo L-Band Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TALLYSMAN [Tallysman Wireless Inc.]
Strona internetowa  https://www.tallysman.com/
Logo TALLYSMAN - Tallysman Wireless Inc.

TW2920 Arkusz danych(HTML) 2 Page - Tallysman Wireless Inc.

  TW2920 Datasheet HTML 1Page - Tallysman Wireless Inc. TW2920 Datasheet HTML 2Page - Tallysman Wireless Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TW2920 Pre-filtered GPS/GLONASS/BeiDou/Galileo + L-Band Antenna
Specifications Vcc = 3V, over full bandwidth, T=25°C
Antenna
Architecture
Dual Feed Patch, Quadrature Feeds
1 dB Bandwidth
85 MHz
Antenna Zenith Gain (with 100mm ground plane)
4.25 dBic
Axial Ratio
≤1 dB typ, 2 dB max.
Electrical
Architecture
Pre-filter ->LNA ->SAW filter-> 2 stage LNA
Filtered LNA Frequency Bandwidth
1510 to 1610 MHz
Polarization
RHCP
LNA Gain
32 dB min., 1510 to 1610 MHz
Gain flatness
+/- 2 dB, 1510 to 1610 MHz
Out-of-Band Rejection
<1465 MHz
>30 dB
>1700 MHz
>55 dB
VSWR (at LNA output)
<1.5:1 typ. 1.8:1 max.
Noise Figure
≤2.5dB typ.
Supply Voltage Range (over coaxial cable)
+2.5 to 16 VDC nominal (12VDC recommended maximum)
Supply Current
18 mA typ, 25mA Q max (85°C).
ESD Circuit Protection
15 KV air discharge
Mechanicals & Environmental
Mechanical Size
57 mm dia. x 15 mm H
Cable
RG174
Operating Temp. Range
-40 to +85 °C
Enclosure
Radome: EXL9330, Base: Zamak white metal
Weight
100 g (+13g /m of cable)
Attachment Method
Magnet or permanent (pre-tapped 4 x 6-32 UNC)
Environmental
IP67, REACH, RED, and RoHS compliant
Shock
Vertical axis: 50 G, other axes: 30 G
Vibration
3 axis, sweep = 15 min, 10 to 200 Hz sweep: 3 G
Ordering Information
TW2920 – Pre-filtered Single Band GNSS antenna: 33-2920-xx-yyy
Where xx = connector type and yyyy = cable length in mm
Please refer to the Ordering Guide (http://www.tallysman.com/wp-content/uploads/Current-Ordering-Guide.pdf) for
the current and complete list of available connectors.
36 Steacie Drive, Ottawa ON K2K 2A9 Canada
Tel 613 591 3131
Fax 613 591 3121
sales@tallysman.com
The information provided herein is intended as a guide only and is subject to change without notice. This document is not to be regarded as a guarantee
of performance. Tallysman Wireless Inc. hereby disclaims any or all warranties and liabilities of any kind. © 2015 Tallysman Wireless Inc. All rights
reserved.
Rev 1.3


Podobny numer części - TW2920

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tallysman Wireless Inc.
TW2920E TALLYSMAN-TW2920E Datasheet
280Kb / 2P
   TW2926 Embedded Multi-Constellation L-Band Antenna
More results

Podobny opis - TW2920

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
1004322 AVX-1004322 Datasheet
583Kb / 3P
   GPS/GLONASS/Beidou/Galileo Patch Antenna
9/27/2021
9000440 AVX-9000440 Datasheet
711Kb / 4P
   GPS/GLONASS/Beidou/Galileo FPC Antenna
11/7/2019
logo
Maxtena Inc.
M4HCT-22-P MAXTENA-M4HCT-22-P Datasheet
260Kb / 1P
   PASSIVE GPS GLONASS GALILEO BEIDOU ANTENNA
logo
Tallysman Wireless Inc.
TW4721 TALLYSMAN-TW4721 Datasheet
245Kb / 2P
   TW4721/TW4722 Wideband Dual Feed GPS/GLONASS/BeiDou/Galileo Antenna
logo
Maxtena Inc.
M1593CWT MAXTENA-M1593CWT Datasheet
2Mb / 5P
   L1: GPS, GLONASS, GALILEO, BEIDOU
REV A
M9706CWT-UFL MAXTENA-M9706CWT-UFL Datasheet
1Mb / 6P
   L1: GPS, GLONASS, GALILEO, BEIDOU
April 6, 2019
M9706CWT MAXTENA-M9706CWT Datasheet
1Mb / 6P
   L1: GPS, GLONASS, GALILEO, BEIDOU
June 12, 2019
M9708CWT MAXTENA-M9708CWT Datasheet
1Mb / 7P
   L1: GPS, GLONASS, GALILEO, BEIDOU
June 28, 2020
M4HCT-A-SMA MAXTENA-M4HCT-A-SMA Datasheet
843Kb / 4P
   L1: GPS, GLONASS, GALILEO, BEIDOU
M7HCT-A-SMA MAXTENA-M7HCT-A-SMA Datasheet
1Mb / 6P
   L1: GPS, GLONASS, GALILEO, BEIDOU
June 12, 2021
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com