Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST92195C4 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części ST92195C4
Szczegółowy opis  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Download  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C4 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button ST92195C4 Datasheet HTML 6Page - STMicroelectronics ST92195C4 Datasheet HTML 7Page - STMicroelectronics ST92195C4 Datasheet HTML 8Page - STMicroelectronics ST92195C4 Datasheet HTML 9Page - STMicroelectronics ST92195C4 Datasheet HTML 10Page - STMicroelectronics ST92195C4 Datasheet HTML 11Page - STMicroelectronics ST92195C4 Datasheet HTML 12Page - STMicroelectronics ST92195C4 Datasheet HTML 13Page - STMicroelectronics ST92195C4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 249 page
background image
10/249
ST92195C/D - GENERAL DESCRIPTION
INTRODUCTION (Cont’d)
Figure 1. ST92195C/D Block Diagram
I/O
PORT 0
I²C 2)
PWM
D/A CON-
VERTER
SPI
I/O
PORT 4
I/O
PORT 5
Up to 96
Kbytes ROM
DATA
SLICER
& ACQUI-
SITION
UNIT
SYNC.
EXTRAC-
TION
Up to 8
Kbytes
TDSRAM
TRI
256 or 512
bytes RAM
STANDARD
TIMER 1)
TIMING AND
CLOCK CTRL
16-BIT
TIMER/
WATCHDOG
VPS/WSS
DATA
SLICER
I/O
PORT 2
ADC
CVBS1
I/O
PORT 3
SYNC
CONTROL
VSYNC
HSYNC/CSYNC
ON
SCREEN
DISPLAY
FREQ.
MULTIP.
PXFM
NMI
INT[7:4]
INT2
256 bytes
Register File
ST9+ CORE
8/16-bit
CPU
Interrupt
Management
RCCU
OSCIN
OSCOUT
RESET
RESETO
P0[7:0]
WSCR
WSCF
CVBS2
R/G/B/FB
PWM[7:0]
SDO/SDI
SCK
INT0
STOUT0
MMU
MCFM
TXCF
TSLU
AIN[4:1]
EXTRG
P2[5:0]
P4[7:0]
P5[1:0]
P3[7:4]
CSO
HT
All alternate functions
(Italic characters) are mapped on Ports 0, 2, 3, 4 and 5
2
8
4
6
8
VOLTAGE
SYNTHESIS
VSO[2:1]
SDA1/SCL1
SDA2/SCL2
Note 1: One standard timer on ST92195C devices, two standard timers on ST92195D devices
Note 2: I²C available on ST92195D devices only


Podobny numer części - ST92195C4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST92195 STMICROELECTRONICS-ST92195 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B1 STMICROELECTRONICS-ST92195B1 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B1B1 STMICROELECTRONICS-ST92195B1B1 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B1T1 STMICROELECTRONICS-ST92195B1T1 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
More results

Podobny opis - ST92195C4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
   ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
   24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
ST92185B STMICROELECTRONICS-ST92185B Datasheet
2Mb / 178P
   16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
   48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
logo
Renesas Technology Corp
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
logo
STMicroelectronics
ST92196A STMICROELECTRONICS-ST92196A Datasheet
2Mb / 268P
   8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
logo
STMicroelectronics
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
   16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com