Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A19A-W2SS1612-C8 Arkusz danych(PDF) 16 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Numer części A19A-W2SS1612-C8
Szczegółowy opis  The white light of this light emitting diode is formed by mixing light from a blue light chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Strona internetowa  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

A19A-W2SS1612-C8 Arkusz danych(HTML) 16 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button A19A-W2SS1612-C8 Datasheet HTML 12Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 13Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 14Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 16Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 17Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 18Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 19Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 20Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
REFOND:WI-E-045
A/3
REV:E/1
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:16
TG-201712120857EP
2.3 Cardboard Box
Fig.2-4 Cardboard Box
2.4 Reliability Test Items And Conditions
Table 2-3 Reliability Test Items And Conditions
Test Items
Ref.Standard
Test Condition
Time
Quantity
Ac/Re
/
Thermal Shock
JESD22-A106
-40
15min
↑↓10sec
100
15min
100 cycle
10pcs.
0/1
High Temperature Storage
JESD22-A103
Temp:100
1000hrs.
10pcs.
0/1
Low Temperature Storage
JESD22-A119
Temp:-40
1000hrs.
10pcs.
0/1
Life Test
JESD22-A108
Tc=65
Ta=25
IF=450mA
1000hrs.
10pcs.
0/1
深圳市瑞丰光电子股份有限公司
SHENZHEN REFOND OPTOELECTRONICS CO.LTO.


Podobny numer części - A19A-W2SS1612-C8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
More results

Podobny opis - A19A-W2SS1612-C8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A28B-W2SS4712-C7 REFOND-A28B-W2SS4712-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
RT-C13A-W2ET0412-P6 REFOND-RT-C13A-W2ET0412-P6 Datasheet
2Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip Size
logo
KODENSHI_AUK CORP.
KLP-343W KODENSHI-KLP-343W Datasheet
177Kb / 2P
   White Light Emitting Diode
KLP-563W KODENSHI-KLP-563W Datasheet
167Kb / 2P
   White Light Emitting Diode
logo
Roithner LaserTechnik G...
B3B-440-LBS ROITHNER-B3B-440-LBS Datasheet
331Kb / 2P
   White Light Emitting Diode
logo
KODENSHI_AUK CORP.
KLB-16WC KODENSHI-KLB-16WC Datasheet
184Kb / 2P
   White Light Emitting Diode(InGaN)
KLP-32W KODENSHI-KLP-32W Datasheet
159Kb / 2P
   Light Emitting Diode(White Color)
logo
Roithner LaserTechnik G...
ELD-450-525 ROITHNER-ELD-450-525 Datasheet
264Kb / 1P
   BLUE Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com