Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X40420 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części X40420
Szczegółowy opis  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40420 Arkusz danych(HTML) 4 Page - Intersil Corporation

  X40420 Datasheet HTML 1Page - Intersil Corporation X40420 Datasheet HTML 2Page - Intersil Corporation X40420 Datasheet HTML 3Page - Intersil Corporation X40420 Datasheet HTML 4Page - Intersil Corporation X40420 Datasheet HTML 5Page - Intersil Corporation X40420 Datasheet HTML 6Page - Intersil Corporation X40420 Datasheet HTML 7Page - Intersil Corporation X40420 Datasheet HTML 8Page - Intersil Corporation X40420 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
March 28, 2005
PRINCIPLES OF OPERATION
Power-on Reset
Applying power to the X40420/21 activates a Power-
on Reset Circuit that pulls the RESET/RESET pins
active. This signal provides several benefits.
– It prevents the system microprocessor from starting
to operate with insufficient voltage.
– It prevents the processor from operating prior to sta-
bilization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power-up.
When VCC exceeds the device VTRIP1 threshold value
for tPURST (selectable) the circuit releases the RESET
(X40421) and RESET (X40420) pin allowing the system
to begin operation.
Figure 1. Connecting a Manual Reset Push-Button
Manual Reset
By connecting a push-button directly from MR to
ground, the designer adds manual system reset capa-
bility. The MR pin is LOW while the push-button is
closed and RESET/RESET pin remains LOW for
tPURST or till the push-button is released and for tPURST
thereafter. A weak pull up resistor is connected to the
MR pin.
Low Voltage V1 Monitoring
During operation, the X40420/21 monitors the VCC
level and asserts RESET if supply voltage falls below
a preset minimum VTRIP1. The RESET signal prevents
the microprocessor from operating in a power fail or
brownout condition. The V1FAIL signal remains active
until the voltage drops below 1V. It also remains active
until VCC returns and exceeds VTRIP1 for tPURST.
Low Voltage V2 Monitoring
The X40420/21 also monitors a second voltage level and
asserts V2FAIL if the voltage falls below a preset mini-
mum VTRIP2. The V2FAIL signal is either ORed with
RESET to prevent the microprocessor from operating in
a power fail or brownout condition or used to interrupt the
microprocessor with notification of an impending power
failure. The V2FAIL signal remains active until the VCC
drops below 1V (VCC falling). It also remains active until
V2MON returns and exceeds VTRIP2.
V2MON voltage monitor is powered by VOUT. If VCC
and VBATT go away, V2MON cannot be monitored.
Figure 2. Two Uses of Multiple Voltage Monitoring
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. A
standard read or write sequence to any slave address
byte restarts the watchdog timer and prevents the
WDO signal to go active. A minimum sequence to
reset the watchdog timer requires four microprocessor
instructions namely, a Start, Clock Low, Clock High
and Stop. The state of two nonvolatile control bits in
the Status Register determine the watchdog timer
period. The microprocessor can change these watch-
dog bits by writing to the X40420/21 control register.
MR
System
Reset
Manual
Reset
X40420/21
RESET
Unreg.
Supply
VCC
5V
Reg
V2MON
X40420
Resistors selected so 3V appears on V2MON when unregulated
supply reaches 6V.
Unreg.
Supply
VCC
X40421
RESET
V2FAIL
System
VOUT
Reset
RESET
V2FAIL
VOUT
System
Reset
Notice: No external components required to monitor two voltages.
R
R
V2MON
5V
Reg
3V
Reg
X40420, X40421


Podobny numer części - X40420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40420S14-A INTERSIL-X40420S14-A Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420S14-A RENESAS-X40420S14-A Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40420S14-B INTERSIL-X40420S14-B Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results

Podobny opis - X40420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com