Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC7447A Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc

Numer części MC7447A
Szczegółowy opis  PowerPC microprocessor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7447A Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc

  MC7447A Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
MPC7447A Part Number Specification for the MC7447AnnnnNx Series
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
General Parameters
General Parameters
1.5.2
AC Electrical Characteristics
Table 8 provides the clock AC timing specifications for the MPC7447A part numbers described herein.
1.5.2.2
Processor Bus AC Specifications
Devices described by this part number specification conform to the processor bus AC timing specifications
provided in the MPC7447A RISC Microprocessor Hardware Specifications. Please refer to that document
for this information.
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core
Frequency
Unit
Notes
1000 MHz
1167 MHz
Min
Max
Min
Max
Processor frequency
fcore
500
1000
500
1167
MHz
1, 2
VCO frequency
fVCO
1000
2000
1000
2333
MHz
1
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:4] settings must be chosen such that the
resulting SYSCLK (bus) frequency, CPU (core) frequency, and PLL (VCO) frequency do not
exceed their respective maximum or minimum operating frequencies. Refer to the
PLL_CFG[0:4] signal description in MPC7447A RISC Microprocessor Hardware Specifications,
Section 1.9.1, “PLL Configuration,” for valid PLL_CFG[0:4] settings.
2. Caution: If dynamic frequency switching (DFS) is enabled, the SYSCLK frequency and
PLL_CFG[0:4] settings must be chosen such that the resulting processor frequency is greater
than or equal to the minimum core frequency.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC7447A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC7447AHX1000LB NXP-MC7447AHX1000LB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
129Kb / 8P
   Hardware Specification Addendum for the MC7447AxxnnnnNx Series
Rev. 3, 09/2005
MC7447AHX1167NB NXP-MC7447AHX1167NB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1167NB NXP-MC7447AHX1167NB Datasheet
129Kb / 8P
   Hardware Specification Addendum for the MC7447AxxnnnnNx Series
Rev. 3, 09/2005
More results

Podobny opis - MC7447A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
MPC821 FREESCALE-MPC821 Datasheet
975Kb / 12P
   PowerPC Personal Syetems Microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com