Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33060AP Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC33060AP
Szczegółowy opis  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33060AP Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC33060AP Datasheet HTML 1Page - ON Semiconductor MC33060AP Datasheet HTML 2Page - ON Semiconductor MC33060AP Datasheet HTML 3Page - ON Semiconductor MC33060AP Datasheet HTML 4Page - ON Semiconductor MC33060AP Datasheet HTML 5Page - ON Semiconductor MC33060AP Datasheet HTML 6Page - ON Semiconductor MC33060AP Datasheet HTML 7Page - ON Semiconductor MC33060AP Datasheet HTML 8Page - ON Semiconductor MC33060AP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 15 V, CT = 0.01 µF, RT = 12 kΩ, unless otherwise noted. For typical values TA = 25°C,
for min/max values TA is the operating ambient temperature range that applies, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Voltage (IO = 1.0 mA, TA 25°C)
TA = Tlow to Thigh – MC34060A
TA = Tlow to Thigh – MC33060A
Vref
4.925
4.9
4.85
5.0
5.075
5.1
5.1
V
Line Regulation (VCC = 7.0 V to 40 V, IO = 10 mA)
Regline
2.0
25
mV
Load Regulation (IO = 1.0 mA to 10 mA)
Regload
2.0
15
mV
Short Circuit Output Current (Vref = 0 V)
ISC
15
35
75
mA
OUTPUT SECTION
Collector Off–State Current (VCC = 40 V, VCE = 40 V)
IC(off)
2.0
100
µA
Emitter Off–State Current (VCC = 40 V, VCE = 40 V, VE = 0 V)
IE(off)
–100
µA
Collector–Emitter Saturation Voltage (Note 2)
Common–Emitter
(VE = 0 V, IC = 200 mA)
Emitter–Follower
(VC = 15 V, IE = –200 mA)
Vsat(C)
Vsat(E)
1.1
1.5
1.5
2.5
V
Output Voltage Rise Time (TA = 25°C)
Common–Emitter (See Figure 12)
Emitter–Follower (See Figure 13)
tr
100
100
200
200
ns
Output Voltage Fall Time (TA = 25°C)
Common–Emitter (See Figure 12)
Emitter–Follower (See Figure 13)
tr
40
40
100
100
ns
ERROR AMPLIFIER SECTION
Input Offset Voltage (VO[Pin 3] = 2.5 V)
VIO
2.0
10
mV
Input Offset Current (VC[Pin 3] = 2.5 V)
IIO
5.0
250
nA
Input Bias Current (VO[Pin 3] = 2.5 V)
IIB
–0.1
–2.0
µA
Input Common Mode Voltage Range
(VCC = 40 V)
VICR
0 to
VCC –2.0
V
Inverting Input Voltage Range
VIR(INV)
–0.3 to
VCC–2.0
V
Open–Loop Voltage Gain
(
∆VO = 3.0 V, VO = 0.5 V to 3.5 V, RL = 2.0 kΩ)
AVOL
70
95
dB
Unity–Gain Crossover Frequency
(VO = 0.5 V to 3.5 V, RL = 2.0 kΩ)
fc
600
kHz
Phase Margin at Unity–Gain
(VO = 0.5 V to 3.5 V, RL = 2.0 kΩ)
φm
65
deg.
Common Mode Rejection Ratio
(VCC = 40 V, Vin = 0 V to 38 V))
CMRR
65
90
dB
Power Supply Rejection Ratio
(
∆VCC = 33 V, VO = 2.5 V, RL = 2.0 kΩ)
PSRR
100
dB
Output Sink Current (VO[Pin 3] = 0.7 V)
IO
0.3
0.7
mA
Output Source Current (VO[Pin 3] = 3.5 V)
IO+
–2.0
–4.0
mA
2. Low duty cycle techniques are used during test to maintain junction temperature as close to ambient temperatures as possible.
Tlow = –40°C for MC33060A
Thigh = +85°C for MC33060A
= 0
°C for MC34060A
= +70
°C for MC34060A


Podobny numer części - MC33060AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33060AP ONSEMI-MC33060AP Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC33060APG ONSEMI-MC33060APG Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
More results

Podobny opis - MC33060AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_06 Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com