Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34262 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC34262
Szczegółowy opis  POWER FACTOR CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC34262 Datasheet HTML 1Page - ON Semiconductor MC34262 Datasheet HTML 2Page - ON Semiconductor MC34262 Datasheet HTML 3Page - ON Semiconductor MC34262 Datasheet HTML 4Page - ON Semiconductor MC34262 Datasheet HTML 5Page - ON Semiconductor MC34262 Datasheet HTML 6Page - ON Semiconductor MC34262 Datasheet HTML 7Page - ON Semiconductor MC34262 Datasheet HTML 8Page - ON Semiconductor MC34262 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC34262 MC33262
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 9. Zero Current Detector Input
Threshold Voltage versus Temperature
Figure 10. Output Saturation Voltage
versus Load Current
VCC = 12 V
CL = 1.0 nF
TA = 25°C
VCC = 12 V
CL = 15 pF
TA = 25°C
100 ns/DIV
100 ns/DIV
Figure 11. Drive Output Waveform
0
10
203040
VCC, SUPPLY VOLTAGE (V)
VFB = 0 V
Current Sense = 0 V
Multiplier = 0 V
CL = 1.0 nF
f = 50 kHz
TA = 25°C
Figure 12. Drive Output Cross Conduction
– 55
– 25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
Figure 13. Supply Current
versus Supply Voltage
Figure 14. Undervoltage Lockout Thresholds
versus Temperature
0
80
160
240
320
IO, OUTPUT LOAD CURRENT (mA)
–55
TA, AMBIENT TEMPERATURE (°C)
– 25
0
25
50
75
100
125
VCC = 12 V
VCC
Gnd
Startup Threshold
(VCC Increasing)
90%
10%
16
12
8.0
4.0
0
14
13
12
11
9.0
7.0
8.0
0
– 2.0
– 4.0
– 6.0
2.0
0
4.0
1.7
1.5
1.3
1.6
1.4
10
Upper Threshold
(Vin, Increasing)
Lower Threshold
(Vin, Decreasing)
Source Saturation
(Load to Ground)
Sink Saturation
(Load to VCC)
VCC = 12 V
80
µs Pulsed Load
120 Hz Rate
Minimum Operating Threshold
(VCC Decreasing)


Podobny numer części - MC34262

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34262 ONSEMI-MC34262 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC34262 ONSEMI-MC34262 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
International Rectifier
MC34262 IRF-MC34262 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
More results

Podobny opis - MC34262

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com