Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3488AD Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC3488AD
Szczegółowy opis  DUAL EIA-423/EIA-232D DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3488AD Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC3488AD Datasheet HTML 1Page - ON Semiconductor MC3488AD Datasheet HTML 2Page - ON Semiconductor MC3488AD Datasheet HTML 3Page - ON Semiconductor MC3488AD Datasheet HTML 4Page - ON Semiconductor MC3488AD Datasheet HTML 5Page - ON Semiconductor MC3488AD Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device
Operating
Temperature Range
Package
MC3488A
SEMICONDUCTOR
TECHNICAL DATA
DUAL
EIA–423/EIA–232D
DRIVER
ORDERING INFORMATION
MC3488AP1
MC3488AD
TA = 0 to +70°C
Plastic DIP
SO–8
Order this document by MC3488A/D
P1 SUFFIX
PLASTIC PACKAGE
CASE 626
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
PIN CONNECTIONS
5
6
8
7
4
3
1
2
Input B
Input A
Gnd
Wave
Shape
Output A
VCC
Output B
VEE
1
MOTOROLA ANALOG IC DEVICE DATA
Dual EIA-423/EIA-232D
Line Driver
The MC3488A dual is single–ended line driver has been designed to
satisfy the requirements of EIA standards EIA–423 and EIA–232D, as well
as CCITT X.26, X.28 and Federal Standard FIDS1030. It is suitable for use
where signal wave shaping is desired and the output load resistance is
greater than 450 ohms. Output slew rates are adjustable from 1.0
µs to
100
µs by a single external resistor. Output level and slew rate are
insensitive to power supply variations. Input undershoot diodes limit
transients below ground and output current limiting is provided in both output
states.
The MC3488A has a standard 1.5 V input logic threshold for TTL or
NMOS compatibility.
PNP Buffered Inputs to Minimize Input Loading
Short Circuit Protection
Adjustable Slew Rate Limiting
MC3488A Equivalent to 9636A
Output Levels and Slew Rates are Insensitive to Power
Supply Voltages
No External Blocking Diode Required for VEE Supply
Second Source µA9636A
Simplified Application
Wave Shape
Control
TTL Logic
RS–423 Interface
MC3488A Driver
MC3486
Three–State Receiver
© Motorola, Inc. 1996
Rev 2


Podobny numer części - MC3488AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC3488AD ONSEMI-MC3488AD Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC3488ADG ONSEMI-MC3488ADG Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC3488ADR2 ONSEMI-MC3488ADR2 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC3488ADR2G ONSEMI-MC3488ADR2G Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
More results

Podobny opis - MC3488AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Murata Manufacturing Co...
KII_NM485D MURATA-KII_NM485D Datasheet
175Kb / 7P
   Isolated Dual EIA-485 Driver and Receiver
NM485DC MURATA-NM485DC Datasheet
218Kb / 6P
   Isolated Dual EIA-485 Driver and Receiver
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com