Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3025ZD-TL Arkusz danych(PDF) 3 Page - Allegro MicroSystems

Numer części SI-3025ZD-TL
Szczegółowy opis  High-Current, Low-Dropout, 2.5 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3025ZD-TL Arkusz danych(HTML) 3 Page - Allegro MicroSystems

  SI-3025ZD-TL Datasheet HTML 1Page - Allegro MicroSystems SI-3025ZD-TL Datasheet HTML 2Page - Allegro MicroSystems SI-3025ZD-TL Datasheet HTML 3Page - Allegro MicroSystems SI-3025ZD-TL Datasheet HTML 4Page - Allegro MicroSystems SI-3025ZD-TL Datasheet HTML 5Page - Allegro MicroSystems SI-3025ZD-TL Datasheet HTML 6Page - Allegro MicroSystems SI-3025ZD-TL Datasheet HTML 7Page - Allegro MicroSystems SI-3025ZD-TL Datasheet HTML 8Page - Allegro MicroSystems SI-3025ZD-TL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SI-3025ZD
High-Current,
Low-Dropout,
2.5 V Regulator
www.allegromicro.com
Linear
Regulators
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VE = 2 V (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
V
I = 3.3 V, IO = 10 mA
2.45
2.50
2.55
V
V
O(off)
V
E = 0 V
0.5
V
Output Volt. Temp. Coeff.
a
VO
0°C
≤ T
J ≤ 100°C
±0.3
mV/°C
Output Short-Circuit Current
I
OM
V
I = 3.3 V, see note
3.2
A
Line Regulation
∆V
O(
∆VI)
V
I = 3.0 ~ 5.0 V, IO = 10 mA
10
mV
Load Regulation
∆V
O(
∆IO)
V
I = 3.3 V, IO = 0 A ~ 3.0 A
40
mV
Dropout Voltage
V
Imin - VO
I
O = 3.0 A
0.6
V
Ground Terminal Current
I
GND
V
I = 3.3 V, IO = 0 mA, VE = 2.0 V
1.0
1.5
mA
V
I = 3.3 V, VE = 0 V
1.0
µA
Enable Input Voltage
V
EH
Output ON
2.0
V
V
EL
Output OFF
0.8
V
Enable Input Current
I
EH
V
E = 2.7 V
100
µA
I
EL
V
E = 0 V
0
-5.0
µA
Ripple Rejection Ratio
PSRR
V
I = 3.3 V, 100 Hz ≤ f ≤ 120 Hz
60
dB
Thermal Shutdown
T
J
135
152
°C
Typical values are given for circuit design information only.
Note: Output short-circuit current is at point where output voltage has decreased 5% below V
O(nom).


Podobny numer części - SI-3025ZD-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
More results

Podobny opis - SI-3025ZD-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com