Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3033KM-TL Arkusz danych(PDF) 9 Page - Allegro MicroSystems

Numer części SI-3033KM-TL
Szczegółowy opis  1 A, Low-Dropout, 3.3 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033KM-TL Arkusz danych(HTML) 9 Page - Allegro MicroSystems

  SI-3033KM-TL Datasheet HTML 1Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 2Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 3Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 4Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 5Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 6Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 7Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 8Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SI-3033KM
1 A, Low-Dropout,
3.3 V Regulator
www.allegromicro.com
Linear
Regulators
9
The products described herein are manufactured in Japan by Sanken
Electric Co., Ltd. for sale by Allegro MicroSystems, Inc.
Sanken and Allegro reserve the right to make, from time to time, such
departures from the detail specifications as may be required to permit
improvements in the performance, reliability, or manufacturability of its
products. Therefore, the user is cautioned to verify that the information
in this publication is current before placing any order.
When using the products described herein, the applicability and
suitability of such products for the intended purpose shall be reviewed at
the users responsibility.
Although Sanken undertakes to enhance the quality and reliability of
its products, the occurrence of failure and defect of semiconductor
products at a certain rate is inevitable.
Users of Sanken products are requested to take, at their own risk,
preventative measures including safety design of the equipment or
systems against any possible injury, death, fires or damages to society
due to device failure or malfunction.
Sanken products listed in this publication are designed and intended
for use as components in general-purpose electronic equipment or
apparatus (home appliances, office equipment, telecommunication
equipment, measuring equipment, etc.). Their use in any application
requiring radiation hardness assurance (e.g., aerospace equipment) is
not supported.
When considering the use of Sanken products in applications where
higher reliability is required (transportation equipment and its control
systems or equipment, fire- or burglar-alarm systems, various safety
devices, etc.), contact a company sales representative to discuss and
obtain written confirmation of your specifications.
The use of Sanken products without the written consent of Sanken in
applications where extremely high reliability is required (aerospace
equipment, nuclear power-control stations, life-support systems, etc.) is
strictly prohibited.
The information included herein is believed to be accurate and
reliable. Application and operation examples described in this publica-
tion are given for reference only and Sanken and Allegro assume no
responsibility for any infringement of industrial property rights,
intellectual property rights, or any other rights of Sanken or Allegro or
any third party that may result from its use.
EI16EI


Podobny numer części - SI-3033KM-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-3033KM SANKEN-SI-3033KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

Podobny opis - SI-3033KM-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Texas Instruments
LM3940 TI-LM3940_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3940 1-A Low-Dropout Regulator for 5-V to 3.3-V Conversion
logo
List of Unclassifed Man...
G901 ETC-G901 Datasheet
155Kb / 5P
   3.3 V 300MA LOW DROPOUT REGULATOR
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
   1 A, Low-Dropout, 5.0 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com