Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC4016J Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części 74HC4016J
Szczegółowy opis  Quad Analog Switch/ Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC4016J Arkusz danych(HTML) 2 Page - ON Semiconductor

  74HC4016J Datasheet HTML 1Page - ON Semiconductor 74HC4016J Datasheet HTML 2Page - ON Semiconductor 74HC4016J Datasheet HTML 3Page - ON Semiconductor 74HC4016J Datasheet HTML 4Page - ON Semiconductor 74HC4016J Datasheet HTML 5Page - ON Semiconductor 74HC4016J Datasheet HTML 6Page - ON Semiconductor 74HC4016J Datasheet HTML 7Page - ON Semiconductor 74HC4016J Datasheet HTML 8Page - ON Semiconductor 74HC4016J Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC54/74HC4016
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage (Referenced to GND)
– 0.5 to + 14.0
V
VIS
Analog Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vin
Digital Input Voltage (Referenced to GND)
– 1.5 to VCC + 1.5
V
I
DC Current Into or Out of Any Pin
± 25
mA
PD
Power Dissipation in Still Air, Plastic or Ceramic DIP†
SOIC Package†
750
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
(Ceramic DIP)
260
300
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
†Derating — Plastic DIP: – 10 mW/
_C from 65_ to 125_C
Ceramic DIP: – 10 mW/
_C from 100_ to 125_C
SOIC Package: – 7 mW/
_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage (Referenced to GND)
2.0
12.0
V
VIS
Analog Input Voltage (Referenced to GND)
GND
VCC
V
Vin
Digital Input Voltage (Referenced to GND)
GND
VCC
V
VIO*
Static or Dynamic Voltage Across Switch
1.2
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time, ON/OFF
VCC = 2.0 V
Control Inputs (Figure 10)
VCC = 4.5 V
VCC = 9.0 V
VCC = 12.0 V
0
0
0
0
1000
500
400
250
ns
* For voltage drops across the switch greater than 1.2 V (switch on), excessive VCC current may
be drawn; i.e., the current out of the switch may contain both VCC and switch input components.
The reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
DC ELECTRICAL CHARACTERISTICS Digital Section (Voltages Referenced to GND)
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
Test Conditions
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
VIH
Minimum High–Level Voltage
ON/OFF Control Inputs
Ron = per spec
2.0
4.5
9.0
12.0
1.5
3.15
6.3
8.4
1.5
3.15
6.3
8.4
1.5
3.15
6.3
8.4
V
VIL
Maximum Low–Level Voltage
ON/OFF Control Inputs
Ron = per spec
2.0
4.5
9.0
12.0
0.3
0.9
1.8
2.4
0.3
0.9
1.8
2.4
0.3
0.9
1.8
2.4
V
Iin
Maximum Input Leakage Current,
ON/OFF Control Inputs
Vin = VCC or GND
12.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
VIO = 0 V
6.0
12.0
2
8
20
80
40
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.
I/O pins must be connected to a
properly terminated line or bus.


Podobny numer części - 74HC4016J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74HC4016J NSC-74HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
More results

Podobny opis - 74HC4016J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com