Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN2559MP18X Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN2559MP18X
Szczegółowy opis  180mA Low Voltage CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2559MP18X Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN2559MP18X Datasheet HTML 7Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 8Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 9Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 10Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 11Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 12Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 13Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 14Page - Fairchild Semiconductor FAN2559MP18X Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PRODUCT SPECIFICATIONS
FAN2558/FAN2559
REV. 1.0.4 3/15/04
11
Power Good Delay vs. Input Voltage
Input Voltage (V)
Output Voltage vs. Input Voltage
Input Voltage (V)
ILOAD =180mA
Output Voltage vs. Load Current
Load Current (mA)
COUT =1µF
VIN =2.7V
Output Voltage vs. Enable Voltage
Enable Voltage (V)
COUT =1µF
ILOAD =100µA
ILOAD =100µA
Ripple Rejection vs. Frequency
ILOAD =0mA
COUT =1µF
CBYP = 10nF
Ripple Rejection vs. Frequency
COUT =1µF
ILOAD =180mA
CBYP = 10nF
ILOAD = 100µA
Typical Performance Characteristics (Continued)
Unless otherwise specified, CIN = COUT = 1µF, RPG = 47kΩ, TA = 25°C, EN = VIN
VOUT ≤ 1.8V
VOUT ≤ 1.8V


Podobny numer części - FAN2559MP18X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN2559MP18X ONSEMI-FAN2559MP18X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
More results

Podobny opis - FAN2559MP18X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
ON Semiconductor
FAN2558 ONSEMI-FAN2558 Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com