Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1208 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL1208
Szczegółowy opis  I2C Real Time Clock/Calendar
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1208 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL1208 Datasheet HTML 1Page - Intersil Corporation ISL1208 Datasheet HTML 2Page - Intersil Corporation ISL1208 Datasheet HTML 3Page - Intersil Corporation ISL1208 Datasheet HTML 4Page - Intersil Corporation ISL1208 Datasheet HTML 5Page - Intersil Corporation ISL1208 Datasheet HTML 6Page - Intersil Corporation ISL1208 Datasheet HTML 7Page - Intersil Corporation ISL1208 Datasheet HTML 8Page - Intersil Corporation ISL1208 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN8085.3
July 29, 2005
Absolute Maximum Ratings
Voltage on VDD, VBAT, SCL, SDA, and IRQ pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7.0V
Voltage on X1 and X2 pins
(respect to ground) . . . . . . . . . . . .-0.5V to VDD + 0.5 (VDD Mode)
-0.5V to VBAT + 0.5 (VBAT Mode)
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Operating Characteristics – RTC Temperature = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
(Note 4)
MAX
UNITS
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Battery Supply Voltage
1.8
5.5
V
IDD1
Supply Current
VDD = 5V
2
6
µA
1, 2
VDD = 3V
1.2
4
µA
IDD2
Supply Current With I2C Active
VDD = 5V
40
120
µA
1, 2
IDD3
Supply Current (Low Power Mode)
VDD = 5V, LPMODE = 1
1.4
5
µA
1
IBAT
Battery Supply Current
VBAT = 3V
400
950
nA
1
ILI
Input Leakage Current on SCL
100
nA
ILO
I/O Leakage Current on SDA
100
nA
VTRIP
VBAT Mode Threshold
1.6
2.2
2.6
V
VTRIPHYS
VTRIP Hysteresis
10
30
75
mV
VBATHYS
VBAT Hysteresis
15
50
100
mV
IRQ/FOUT
VOL
Output Low Voltage
VDD = 5V
IOL = 3mA
0.4
V
VDD = 2.7V
IOL = 1mA
0.4
V
Power-Down Timing Temperature = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
(Note 4)
MAX
UNITS
NOTES
VDD SR-
VDD Negative Slewrate
10
V/ms
3
Serial Interface Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 4)
MAX
UNITS
NOTES
SERIAL INTERFACE SPECS
VIL
SDA and SCL input buffer LOW
voltage
-0.3
0.3 x
VDD
V
VIH
SDA and SCL input buffer HIGH
voltage
0.7 x
VDD
VDD +
0.3
V
Hysteresis
SDA and SCL input buffer hysteresis
0.05 x
VDD
V
VOL
SDA output buffer LOW voltage,
sinking 3mA
00.4
V
ISL1208


Podobny numer części - ISL1208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL1208 INTERSIL-ISL1208 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL1208 INTERSIL-ISL1208 Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
More results

Podobny opis - ISL1208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
   I2C Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
NXP Semiconductors
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
   Real time clock/calendar
Rev. 02-16 June 2009
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
   Real-time clock/calendar
Rev. 06-21 February 2008
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
   Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com