Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1208 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL1208
Szczegółowy opis  I2C Real Time Clock/Calendar
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1208 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL1208 Datasheet HTML 1Page - Intersil Corporation ISL1208 Datasheet HTML 2Page - Intersil Corporation ISL1208 Datasheet HTML 3Page - Intersil Corporation ISL1208 Datasheet HTML 4Page - Intersil Corporation ISL1208 Datasheet HTML 5Page - Intersil Corporation ISL1208 Datasheet HTML 6Page - Intersil Corporation ISL1208 Datasheet HTML 7Page - Intersil Corporation ISL1208 Datasheet HTML 8Page - Intersil Corporation ISL1208 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8085.3
ISL1208
I2C® Real Time Clock/Calendar
Low Power RTC with Battery Backed
SRAM
The ISL1208 device is a low power real time clock with
timing and crystal compensation, clock/calendar, power fail
indicator, periodic or polled alarm, intelligent battery backup
switching and battery-backed user SRAM.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Pinout
ISL1208
(8-PIN MSOP, SOIC)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes, and Seconds
- Day of the Week, Day, Month, and Year
• 15 Selectable Frequency Outputs
• Single Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
- Single Event or Pulse Interrupt Mode
• Automatic Backup to Battery or Super Cap
• Power Failure Detection
• On-Chip Oscillator Compensation
• 2 Bytes Battery-Backed User SRAM
•I2C Interface
- 400kHz Data Transfer Rate
• 400nA Battery Supply Current
• Same Pin Out as ST M41Txx and Maxim DS13xx Devices
• Small Package Options
- 8 Ld MSOP and SOIC Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set Top Box/Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
Ordering Information
PART NUMBER MARKING
VDD
RANGE
TEMP.
RANGE
(°C)
PACKAGE
ISL1208IU8
AGS
YWW
2.7V to
5.5V
-40 to
+85
8 Ld MSOP
ISL1208IU8-TK
AGS
YWW
2.7V to
5.5V
-40 to
+85
8 Ld MSOP
Tape and Reel
ISL1208IU8Z
(See Note)
ANW
YWW
2.7V to
5.5V
-40 to
+85
8 Ld MSOP
(Pb-free)
ISL1208IU8Z-TK
(See Note)
ANW
YWW
2.7V to
5.5V
-40 to
+85
8 Ld MSOP
Tape and Reel
(Pb-free)
ISL1208IB8
1208
YWW
2.7V to
5.5V
-40 to
+85
8 Ld SOIC
ISL1208IB8-TK
1208
YWW
2.7V to
5.5V
-40 to
+85
8 Ld SOIC
Tape and Reel
ISL1208IB8Z
(See Note)
1208
YWWZ
2.7V to
5.5V
-40 to
+85
8 Ld SOIC
(Pb-free)
ISL1208IB8Z-TK
(See Note)
1208
YWWZ
2.7V to
5.5V
-40 to
+85
8 Ld SOIC
Tape and Reel
(Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb
and Pb-free soldering operations. Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
* Contact Factory for availability.
1
2
3
4
8
7
X1
X2
VBAT
VDD
IRQ/FOUT
SCL
SDA
GND
5
6
Data Sheet
July 29, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL1208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL1208 INTERSIL-ISL1208 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL1208 INTERSIL-ISL1208 Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
More results

Podobny opis - ISL1208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
   I2C Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
NXP Semiconductors
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
   Real time clock/calendar
Rev. 02-16 June 2009
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
   Real-time clock/calendar
Rev. 06-21 February 2008
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
   Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com