Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59421 Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL59421
Szczegółowy opis  865MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59421 Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL59421 Datasheet HTML 1Page - Intersil Corporation ISL59421 Datasheet HTML 2Page - Intersil Corporation ISL59421 Datasheet HTML 3Page - Intersil Corporation ISL59421 Datasheet HTML 4Page - Intersil Corporation ISL59421 Datasheet HTML 5Page - Intersil Corporation ISL59421 Datasheet HTML 6Page - Intersil Corporation ISL59421 Datasheet HTML 7Page - Intersil Corporation ISL59421 Datasheet HTML 8Page - Intersil Corporation ISL59421 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN7458.1
September 21, 2005
FIGURE 7. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs CL
FIGURE 8. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs RL
FIGURE 9. PSRR CHANNELS
FIGURE 10. CROSSTALK AND OFF ISOLATION
FIGURE 11. INPUT NOISE vs FREQUENCY
FIGURE 12. INPUT NOISE vs FREQUENCY
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
110
100
1000
FREQUENCY (MHz)
CL = 7.2pF
CL = 1.6pF
CL = 6.3pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
AV = 2
VOUT = 2VP-P
RG = RF = 100Ω
110
100
FREQUENCY (MHz)
RL = 1kΩ
RL = 500Ω
1000
RL = 75Ω
AV = 2
VOUT = 2VP-P
CL = 4.9pF
RG = RF = 100Ω
RL = 150Ω
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
FREQUENCY (MHz)
0
-10
-30
0.3
1
10
100
1000
-50
-70
PSRR (V-)
PSRR (V+)
10
-20
-40
-60
-80
20
AV = 2
VIN = 200mVP-P
CL = 4.9pF
RG = RF = 100Ω
FREQUENCY (MHz)
-20
-40
-60
0.001
0.1
10
100
500
-80
-100
CROSSTALK
OFF ISOLATION
-30
-50
-70
-90
-110
-10
1
0.01
3 6
AV = 2
VIN = 1VP-P
CL = 4.9pF
RG = RF = 100Ω
0.1
110
100
FREQUENCY (kHz)
AV = 1, RF = 500Ω
24
20
16
12
8
4
0
60
50
40
30
20
10
0
0.1
110
100
FREQUENCY (kHz)
AV = 1, RF = 500Ω
ISL59421


Podobny numer części - ISL59421

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59421IU RENESAS-ISL59421IU Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59421IU-T13 RENESAS-ISL59421IU-T13 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59421IU-T7 RENESAS-ISL59421IU-T7 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59421IUZ RENESAS-ISL59421IUZ Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
More results

Podobny opis - ISL59421

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com