Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59442 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL59442
Szczegółowy opis  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442 Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL59442 Datasheet HTML 3Page - Intersil Corporation ISL59442 Datasheet HTML 4Page - Intersil Corporation ISL59442 Datasheet HTML 5Page - Intersil Corporation ISL59442 Datasheet HTML 6Page - Intersil Corporation ISL59442 Datasheet HTML 7Page - Intersil Corporation ISL59442 Datasheet HTML 8Page - Intersil Corporation ISL59442 Datasheet HTML 9Page - Intersil Corporation ISL59442 Datasheet HTML 10Page - Intersil Corporation ISL59442 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN7452.2
September 21, 2005
Pin Descriptions
PIN NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
IN0
Circuit 1
Input for channel 0
2, 6, 9
NIC
Not Internally Connected; it is recommended this pin be tied to ground to
minimize crosstalk.
3
IN1
Circuit 1
Input for channel 1
4
GND
Circuit 4
Ground pin
5
IN2
Circuit 1
Input for channel 2
7
IN3
Circuit 1
Input for channel 3
8
V-
Circuit 4
Negative power supply
10
OUT
Circuit 3
Output
11
HIZ
Circuit 2
Output disable (active high); there are internal pull-down resistors, so the
device will be active with no connection; "HI" puts the output in high
impedance state.
12
S1
Circuit 2
Channel selection pin MSB (binary logic code)
13
S0
Circuit 2
Channel selection pin LSB (binary logic code)
14
V+
Circuit 4
Positive power supply
IN
V+
V-
CIRCUIT 1.
LOGIC PIN
V+
V-
GND.
33K
21K
+
-
1.2V
CIRCUIT 2.
V+
V-
OUT
CIRCUIT 3.
V-
V+
CAPACITIVELY
COUPLED
ESD CLAMP
GND
CIRCUIT 4.
ISL59442


Podobny numer części - ISL59442

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IB INTERSIL-ISL59442IB Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IB RENESAS-ISL59442IB Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IB-T13 INTERSIL-ISL59442IB-T13 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

Podobny opis - ISL59442

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com