Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5069 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN5069
Szczegółowy opis  PWM and LDO Controller Combo
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN5069 Datasheet HTML 1Page - Fairchild Semiconductor FAN5069 Datasheet HTML 2Page - Fairchild Semiconductor FAN5069 Datasheet HTML 3Page - Fairchild Semiconductor FAN5069 Datasheet HTML 4Page - Fairchild Semiconductor FAN5069 Datasheet HTML 5Page - Fairchild Semiconductor FAN5069 Datasheet HTML 6Page - Fairchild Semiconductor FAN5069 Datasheet HTML 7Page - Fairchild Semiconductor FAN5069 Datasheet HTML 8Page - Fairchild Semiconductor FAN5069 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
www.fairchildsemi.com
FAN5069 Rev. 1.1.0
Absolute Maximum Ratings (Note1)
Thermal Information
Recommended Operating Conditions
Notes:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Absolute maximum ratings apply individually only, not in combination. Unless otherwise specified all other voltages are referenced
to AGND.
2. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
3. Junction to ambient thermal resistance,
θ
JA, is a strong function of PCB material, board thickness, thickness and number of copper
planes, number of vias used, diameter of vias used, available copper surface, and attached heat sink characteristics.
Parameter
Min.
Max.
Unit
VCC to PGND
6V
BOOT to PGND
33
V
SW to PGND
Continuous
-0.5
33
V
Transient (t < 50nS, F < 500kHz)
-3
33
V
HDRV (VBOOT--VSW)
6V
LDRV
-0.5
6
V
All Other Pins
-0.3
VCC+0.3
V
Maximum Shunt Current for VCC
150
mA
Electrostatic Discharge Protection (ESD) Level (Note 2)
HBM
2
kV
CDM
0.4
Parameter
Min.
Typ.
Max.
Unit
Storage Temperature
-65
150
°C
Lead Soldering Temperature, 10 Seconds
300
°C
Vapor Phase, 60 Second
215
°C
Infrared, 15 Seconds
220
°C
Power Dissipation (PD), TA = 25°C
715
mW
Thermal Resistance- Junction to Case(
θ
JC)37
°C/W
Thermal Resistance- Junction to Ambient (
θ
JA) (Note 3)
100
°C/W
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage (VCC)VCC to GND
4.5
5
5.5
V
Ambient Temperature (TA)
Commercial
-10
85
°C
Industrial
-40
85
°C
Junction Temperature (TJ)
125
°C


Podobny numer części - FAN5069

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069EMTCX FAIRCHILD-FAN5069EMTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069EMTCX FAIRCHILD-FAN5069EMTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

Podobny opis - FAN5069

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com