Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC109D Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC74AC109D
Szczegółowy opis  Dual JK Positive Edge?뭈riggered Flip?묯lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC109D Arkusz danych(HTML) 8 Page - ON Semiconductor

  MC74AC109D Datasheet HTML 1Page - ON Semiconductor MC74AC109D Datasheet HTML 2Page - ON Semiconductor MC74AC109D Datasheet HTML 3Page - ON Semiconductor MC74AC109D Datasheet HTML 4Page - ON Semiconductor MC74AC109D Datasheet HTML 5Page - ON Semiconductor MC74AC109D Datasheet HTML 6Page - ON Semiconductor MC74AC109D Datasheet HTML 7Page - ON Semiconductor MC74AC109D Datasheet HTML 8Page - ON Semiconductor MC74AC109D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC74AC109, MC74ACT109
http://onsemi.com
8
PACKAGE DIMENSIONS
TSSOP−16
DT SUFFIX
16 PIN PLASTIC TSSOP PACKAGE
CASE948F−01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
−−−
1.20
−−−
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.18
0.28
0.007
0.011
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.
__
_
_
SECTION N−N
SEATING
PLANE
IDENT.
PIN 1
1
8
16
9
DETAIL E
J
J1
B
C
D
A
K
K1
H
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
16X
REF
K
N
N
EIAJ−16
M SUFFIX
16 PIN PLASTIC EIAJ PACKAGE
CASE966−01
ISSUE O
HE
A1
DIM
MIN
MAX
MIN
MAX
INCHES
−−−
2.05
−−−
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
−−−
0.78
−−−
0.031
A1
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
M
L
DETAIL P
VIEW P
c
A
b
e
M
0.13 (0.005)
0.10 (0.004)
1
16
9
8
D
Z
E
A
b
c
D
E
e
L
M
Z


Podobny numer części - MC74AC109D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10 Datasheet
128Kb / 5P
   TRIPLE 3-INPUT NAND GATE
MC74AC10 ONSEMI-MC74AC10 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
MC74AC10D ONSEMI-MC74AC10D Datasheet
128Kb / 5P
   TRIPLE 3-INPUT NAND GATE
MC74AC10DG ONSEMI-MC74AC10DG Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
MC74AC10DR2G ONSEMI-MC74AC10DR2G Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
More results

Podobny opis - MC74AC109D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com