Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5182QSCX_NL Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN5182QSCX_NL
Szczegółowy opis  Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5182QSCX_NL Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5182QSCX_NL Datasheet HTML 7Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 8Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 9Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 10Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 11Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 12Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 13Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 14Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
www.fairchildsemi.com
FAN5182 Rev. 1.0.1
Power Good Monitoring
The power good comparator monitors the output voltage via the
FB pin. The PWRGD pin is an open-drain output whose high
level (when connected to a pull-up resistor) indicates that the
output voltage is within the nominal limits specified in the electri-
cal characteristic table. PWRGD goes low if the output voltage
is outside of this specified range or whenever the EN pin is
pulled low. Figure 8. shows the PWRGD response when the
input power supply is switched off.
Figure 8. Shutdown Waveforms
As part of the protection for the load and output components of
the supply, the PWM outputs are driven low (turning on the low-
side MOSFETs) when the output voltage exceeds the crowbar
trip point. This crowbar action stops once the output voltage falls
below the reset threshold of approximately 650mV.
Turning on the low-side MOSFETs pulls down the output as the
reverse current builds up in the inductors. If the output over volt-
age is due to a short in the high-side MOSFET, this crowbar
action can trip the input supply over current protection or blow
the input fuse, protecting the load from being damaged.
Enable and UVLO
For the FAN5182 to begin switching, the input supply (VCC) to
the controller must be higher than the UVLO threshold, and the
EN pin must be higher than its logic threshold. If UVLO is less
than the threshold or the EN pin is logic low, the FAN5182 is dis-
abled. This holds the PWM outputs at ground, shorts the
DELAY capacitor to ground, and holds the ILIMIT pin at ground.
In the application circuit, the ILIMIT pin should be connected to
the OD pins of the FAN5009 drivers. Grounding the ILIMIT pin
will disable the drivers such that both HDRV and LDRV are hold-
ing low. This feature is important in preventing fast discharge of
the output capacitors when the controller shuts off. If the driver
outputs are not being disabled, a negative output voltage can be
generated due to high current being discharged from the output
capacitors through the inductors.


Podobny numer części - FAN5182QSCX_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5182QSCX_NL FAIRCHILD-FAN5182QSCX_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
More results

Podobny opis - FAN5182QSCX_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182_07 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
   3/2/1-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com