Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5332ASX Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FAN5332ASX
Szczegółowy opis  High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5332ASX Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

  FAN5332ASX Datasheet HTML 1Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 2Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 3Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 4Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 5Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 6Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 7Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 8Page - Fairchild Semiconductor FAN5332ASX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
www.fairchildsemi.com
FAN5332A Rev. 1.0.1
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TOANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOTASSUMEANY LIABILITY
ARISING OUT OF THEAPPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT
CONVEYANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTENAPPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC
OPTOPLANAR™
PACMAN™
POP™
Power247™
PowerEdge™
FAST
FASTr™
FPS™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i-Lo
ImpliedDisconnect™
IntelliMAX™
Rev. I16
ACEx™
ActiveArray™
Bottomless™
Build it Now™
CoolFET™
CROSSVOLT
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT™
FACT Quiet Series™
PowerSaver™
PowerTrench
QFET
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
µSerDes™
SILENT SWITCHER
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TinyLogic
TINYOPTO™
TruTranslation™
UHC™
UltraFET
UniFET™
VCX™
Wire™
Across the board. Around the world.™
The Power Franchise
Programmable Active Droop™


Podobny numer części - FAN5332ASX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
FAN5331 FAIRCHILD-FAN5331 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
More results

Podobny opis - FAN5332ASX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com