Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6520A Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FAN6520A
Szczegółowy opis  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520A Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN6520A Datasheet HTML 6Page - Fairchild Semiconductor FAN6520A Datasheet HTML 7Page - Fairchild Semiconductor FAN6520A Datasheet HTML 8Page - Fairchild Semiconductor FAN6520A Datasheet HTML 9Page - Fairchild Semiconductor FAN6520A Datasheet HTML 10Page - Fairchild Semiconductor FAN6520A Datasheet HTML 11Page - Fairchild Semiconductor FAN6520A Datasheet HTML 12Page - Fairchild Semiconductor FAN6520A Datasheet HTML 13Page - Fairchild Semiconductor FAN6520A Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
REV. 1.0.2 8/26/04
FAN6520A
PRODUCT SPECIFICATION
RMS current required by the circuit. The capacitor voltage
rating should be at least 1.25 times greater than the maxi-
mum input voltage and a voltage rating of 1.5 times is a
conservative guideline.
The RMS current rating requirement (IRMS) for the input
capacitor of a buck regulator is:
where the converter duty cycle;
. For a
through-hole design, several electrolytic capacitors may be
needed. For surface-mount designs, solid tantalum capaci-
tors can be used, but caution must be exercised with regard
to the capacitor’s surge current rating. The capacitors must
be capable of handling the surge current at power-up. Some
capacitor series available from reputable manufacturers are
surge current tested.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor
(CBOOT) and the internal diode, as shown in Figure 1.
Selection of these components should be done after the
high-side MOSFET has been chosen. The required
capacitance is determined using the following equation:
where QG is the total gate charge of the high-side MOSFET,
and
∆VBOOT is the voltage droop allowed on the high-side
MOSFET drive. To prevent loss of gate drive, the bootstrap
capacitance should be at least 50 times greater than the CISS
of Q1.
Thermal Considerations
Total device dissipation:
PD = PQ + PHDRV + PLDRV
(4)
where PQ represents quiescent power dissipation:
PQ = VCC × [4mA + 0.036 (FSW – 100)]
(5)
where FSW is switching frequency (in kHz).
PHDRV represents internal power dissipation of the upper
FET driver.
PHDRV = PH(R) × PH(F)
(6)
Where PH(R) and PH(F) are internal dissipations for the
rising and falling edges respectively:
where:
PQ1 = QG1 × VGS(Q1) × FSW
(9)
Where QG1 is total gate charge of Q1 for its applied VGS.
As described in the equations above, the total power con-
sumed in driving the gate is divided in proportion to the
resistances in series with the MOSFET's internal gate node
as shown in Figure 9.
Figure 9. Driver Dissipation Model
RG is the polysilicon gate resistance, internal to the FET.
RE is the external gate drive resistor implemented in many
designs. Note that the introduction of RE can reduce driver
power dissipation, but excess RE may cause errors in the
“adaptive gate drive” circuitry. For more information
please refer to Fairchild app note AN-6003, “Shoot-through”
in Synchronous Buck Converters.
(http://www.fairchildsemi.com/an/AN/AN-6003.pdf)
PLDRV is dissipation of the lower FET driver.
PLDRV = PL(R) × PL(F)
(10)
Where PH(R) and PH(F) are internal dissipations for the rising
and falling edges, respectively:
where:
PQ2 = QG2 × VGS(Q2) × FSW
(13)
I
RMS
I
L
DD
2
()
=
(2)
D
V
OUT
V
IN
--------------
=
C
BOOT
Q
G
∆V
BOOT
----------------------
=
(3)
P
HR
()
P
Q1
R
HUP
R
HUP
R
E
R
G
++
-------------------------------------------
×
=
(7)
P
HF
()
P
Q1
R
HDN
R
HDN
R
E
R
G
++
--------------------------------------------
×
=
(8)
HDRV
Q1
G
R
G
RE
RHUP
BOOT
SW
R
HDN
S
P
LR
()
P
Q2
R
LUP
R
LUP
R
E
R
G
++
-------------------------------------------
×
=
(11)
P
LF
()
P
Q2
R
LDN
R
HDN
R
E
R
G
++
--------------------------------------------
×
=
(12)


Podobny numer części - FAN6520A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AM FAIRCHILD-FAN6520AM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AMX FAIRCHILD-FAN6520AMX Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Podobny opis - FAN6520A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com