Zakładka z wyszukiwarką danych komponentów |
|
FAN6520AIMX Arkusz danych(PDF) 10 Page - Fairchild Semiconductor |
|
FAN6520AIMX Arkusz danych(HTML) 10 Page - Fairchild Semiconductor |
10 / 15 page 10 REV. 1.0.2 8/26/04 FAN6520A PRODUCT SPECIFICATION RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maxi- mum input voltage and a voltage rating of 1.5 times is a conservative guideline. The RMS current rating requirement (IRMS) for the input capacitor of a buck regulator is: where the converter duty cycle; . For a through-hole design, several electrolytic capacitors may be needed. For surface-mount designs, solid tantalum capaci- tors can be used, but caution must be exercised with regard to the capacitor’s surge current rating. The capacitors must be capable of handling the surge current at power-up. Some capacitor series available from reputable manufacturers are surge current tested. Bootstrap Circuit The bootstrap circuit uses a charge storage capacitor (CBOOT) and the internal diode, as shown in Figure 1. Selection of these components should be done after the high-side MOSFET has been chosen. The required capacitance is determined using the following equation: where QG is the total gate charge of the high-side MOSFET, and ∆VBOOT is the voltage droop allowed on the high-side MOSFET drive. To prevent loss of gate drive, the bootstrap capacitance should be at least 50 times greater than the CISS of Q1. Thermal Considerations Total device dissipation: PD = PQ + PHDRV + PLDRV (4) where PQ represents quiescent power dissipation: PQ = VCC × [4mA + 0.036 (FSW – 100)] (5) where FSW is switching frequency (in kHz). PHDRV represents internal power dissipation of the upper FET driver. PHDRV = PH(R) × PH(F) (6) Where PH(R) and PH(F) are internal dissipations for the rising and falling edges respectively: where: PQ1 = QG1 × VGS(Q1) × FSW (9) Where QG1 is total gate charge of Q1 for its applied VGS. As described in the equations above, the total power con- sumed in driving the gate is divided in proportion to the resistances in series with the MOSFET's internal gate node as shown in Figure 9. Figure 9. Driver Dissipation Model RG is the polysilicon gate resistance, internal to the FET. RE is the external gate drive resistor implemented in many designs. Note that the introduction of RE can reduce driver power dissipation, but excess RE may cause errors in the “adaptive gate drive” circuitry. For more information please refer to Fairchild app note AN-6003, “Shoot-through” in Synchronous Buck Converters. (http://www.fairchildsemi.com/an/AN/AN-6003.pdf) PLDRV is dissipation of the lower FET driver. PLDRV = PL(R) × PL(F) (10) Where PH(R) and PH(F) are internal dissipations for the rising and falling edges, respectively: where: PQ2 = QG2 × VGS(Q2) × FSW (13) I RMS I L DD 2 – () = (2) D V OUT V IN -------------- = C BOOT Q G ∆V BOOT ---------------------- = (3) P HR () P Q1 R HUP R HUP R E R G ++ ------------------------------------------- × = (7) P HF () P Q1 R HDN R HDN R E R G ++ -------------------------------------------- × = (8) HDRV Q1 G R G RE RHUP BOOT SW R HDN S P LR () P Q2 R LUP R LUP R E R G ++ ------------------------------------------- × = (11) P LF () P Q2 R LDN R HDN R E R G ++ -------------------------------------------- × = (12) |
Podobny numer części - FAN6520AIMX |
|
Podobny opis - FAN6520AIMX |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |