Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC257 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC74AC257
Szczegółowy opis  Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC257 Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC74AC257 Datasheet HTML 2Page - ON Semiconductor MC74AC257 Datasheet HTML 3Page - ON Semiconductor MC74AC257 Datasheet HTML 4Page - ON Semiconductor MC74AC257 Datasheet HTML 5Page - ON Semiconductor MC74AC257 Datasheet HTML 6Page - ON Semiconductor MC74AC257 Datasheet HTML 7Page - ON Semiconductor MC74AC257 Datasheet HTML 8Page - ON Semiconductor MC74AC257 Datasheet HTML 9Page - ON Semiconductor MC74AC257 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC74AC257, MC74ACT257
http://onsemi.com
6
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
5.0
8.5
1.0
9.0
ns
3−5
In to Zn
5.0
1.5
4.0
6.0
1.0
7.0
tPHL
Propagation Delay
3.3
1.5
6.0
8.5
1.0
9.0
ns
3−5
In to Zn
5.0
1.5
4.5
6.0
1.0
7.0
tPLH
Propagation Delay
3.3
1.5
7.0
10.5
1.5
11.5
ns
3−6
S to Zn
5.0
1.5
5.0
7.5
1.0
8.5
tPHL
Propagation Delay
3.3
1.5
7.5
10.5
1.5
11.5
ns
3−6
S to Zn
5.0
1.5
5.5
7.5
1.0
8.5
tPZH
Output Enable Time
3.3
1.5
6.5
9.5
1.0
10.5
ns
3−7
5.0
1.5
5.0
7.5
1.0
8.5
tPZL
Output Enable Time
3.3
1.5
5.5
9.0
1.0
10.0
ns
3−8
5.0
1.5
5.0
8.5
1.0
9.5
tPHZ
Output Disable Time
3.3
1.5
5.5
10.0
1.0
11.0
ns
3−7
5.0
1.5
5.0
9.0
1.0
10.0
tPLZ
Output Disable Time
3.3
1.5
5.5
9.0
1.0
10.0
ns
3−8
5.0
1.5
5.0
8.0
1.0
9.0
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
*Voltage Range 5.0 V is 5.0 V ±0.5 V.


Podobny numer części - MC74AC257

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257 Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
MC74AC257DG ONSEMI-MC74AC257DG Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
MC74AC257DR2G ONSEMI-MC74AC257DR2G Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
MC74AC257DTR2G ONSEMI-MC74AC257DTR2G Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
MC74AC257 ONSEMI-MC74AC257_15 Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
More results

Podobny opis - MC74AC257

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC10H159 ONSEMI-MC10H159_06 Datasheet
155Kb / 7P
   Quad 2?묲nput Multiplexer
February, 2006 ??Rev. 7
MC74AC125 ONSEMI-MC74AC125_06 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10H158 ONSEMI-MC10H158_06 Datasheet
154Kb / 6P
   Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A Datasheet
98Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
April, 2001 ??Rev. 1
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A_04 Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com