Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6673AZ Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDS6673AZ
Szczegółowy opis  30 Volt P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6673AZ Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDS6673AZ Datasheet HTML 1Page - Fairchild Semiconductor FDS6673AZ Datasheet HTML 2Page - Fairchild Semiconductor FDS6673AZ Datasheet HTML 3Page - Fairchild Semiconductor FDS6673AZ Datasheet HTML 4Page - Fairchild Semiconductor FDS6673AZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
April 2005
FDS6673AZ Rev. C(W)
FDS6673AZ
30 Volt P-Channel PowerTrench® MOSFET
Features
■ –14.5 A, –30 V. RDS(ON) = 7.2 mΩ @ VGS = –10 V
RDS(ON) = 11 mΩ @ VGS = – 4.5 V
■ Extended VGSS range (–25V) for battery applications
■ ESD protection diode (note 3)
■ High performance trench technology for extremely low
RDS(ON)
■ High power and current handling capability
General Description
This P-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using either
synchronous or conventional switching PWM controllers, and
battery chargers.
These MOSFETs feature faster switching and lower gate
charge than other MOSFETs with comparable RDS(ON) specifi-
cations.
The result is a MOSFET that is easy and safer to drive (even at
very high frequencies), and DC/DC power supply designs with
higher overall efficiency.
Absolute Maximum Ratings TA = 25°C unless otherwise noted
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–30
V
VGSS
Gate-Source Voltage
+25
V
ID
Drain Current
– Continuous
(Note 1a)
–14.5
A
– Pulsed
–50
PD
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1.0
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6673AZ
FDS6673AZ
13’’
12mm
2500 units
S
D
S
S
SO-8
D
D
D
G
5
6
7
8
4
3
2
1


Podobny numer części - FDS6673AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6673BZ FAIRCHILD-FDS6673BZ Datasheet
376Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -14.5A, 7.8m Ohm
logo
ON Semiconductor
FDS6673BZ-F085 ONSEMI-FDS6673BZ-F085 Datasheet
510Kb / 6P
   P-Channel PowerTrench짰 MOSFET -30V, -14.5A, 7.8m廓
September-2017, Rev. 2
logo
VBsemi Electronics Co.,...
FDS6673BZ-NL VBSEMI-FDS6673BZ-NL Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Podobny opis - FDS6673AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDZ208P FAIRCHILD-FDZ208P Datasheet
195Kb / 5P
   P-Channel 30 Volt PowerTrench BGA MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDS6679 FAIRCHILD-FDS6679_05 Datasheet
98Kb / 4P
   30 Volt P-Channel PowerTrench짰 MOSFET
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com