Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6900AS_NL Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDS6900AS_NL
Szczegółowy opis  Dual N-Ch PowerTrench SyncFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6900AS_NL Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDS6900AS_NL Datasheet HTML 1Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 2Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 3Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 4Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 5Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 6Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 7Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 8Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FDS6900AS Rev B (X)
Electrical Characteristics (continued)
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type Min
Typ Max Units
Switching Characteristics (Note 2)
Qg(TOT)
Total Gate Charge at Vgs=10V
Q2
Q1
10
11
15
15
nC
Qg
Total Gate Charge at Vgs=5V
Q2
Q1
5.8
6.1
8.2
8.5
nC
Qgs
Gate–Source Charge
Q2
Q1
1.6
1.7
nC
Qgd
Gate–Drain Charge
Q2:
VDS = 15 V, ID = 8.2A
Q1:
VDS = 15 V, ID = 6.9A
Q2
Q1
2.1
2.2
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
Q2
Q1
2.3
1.3
A
Trr
Reverse Recovery Time
15
ns
Qrr
Reverse Recovery Charge
IF = 8.2 A,
diF/dt = 300 A/µs
(Note 3)
Q2
6
nC
Trr
Reverse Recovery Time
19
ns
Qrr
Reverse Recovery Charge
IF = 6.9 A,
diF/dt = 100 A/µs
(Note 3)
Q1
10
nC
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 2.3 A
(Note 2)
VGS = 0 V, IS = 5 A
(Note 2)
VGS = 0 V, IS = 1.3 A
(Note 2)
Q2
Q2
Q1
0.6
0.7
0.7
0.7
1.0
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
78°C/W when
mounted on a
0.5in
2 pad of 2
oz copper
b)
125°C/W when
mounted on a
0.02 in
2 pad of
2 oz copper
c)
135°C/W when
mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. See “SyncFET Schottky body diode characteristics” below.
4. FDS6900AS_NL is a lead free product. The FDS6900AS_NL marking will appear on the reel label.


Podobny numer części - FDS6900AS_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6900S FAIRCHILD-FDS6900S Datasheet
154Kb / 9P
   Dual N-Ch PowerTrench SyncFet
More results

Podobny opis - FDS6900AS_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6900S FAIRCHILD-FDS6900S Datasheet
154Kb / 9P
   Dual N-Ch PowerTrench SyncFet
FDS6990AS FAIRCHILD-FDS6990AS_08 Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990S FAIRCHILD-FDS6990S Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDMS1D4N03S ONSEMI-FDMS1D4N03S Datasheet
613Kb / 9P
   N-Channel PowerTrench SyncFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDU6676AS FAIRCHILD-FDU6676AS_08 Datasheet
687Kb / 7P
   N-Channel PowerTrench SyncFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com