Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6900AS_NL Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FDS6900AS_NL
Szczegółowy opis  Dual N-Ch PowerTrench SyncFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6900AS_NL Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button FDS6900AS_NL Datasheet HTML 2Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 3Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 4Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 5Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 6Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 7Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 8Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 9Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FDS6900AS Rev B (X)
Typical Characteristics
VDS
L
Figure 26. Unclamped Inductive Load Test
Circuit
Figure 27. Unclamped Inductive
Waveforms
Figure 31. Switching Time Waveforms
RGE
DUT
VGS
IAS
0.01
VDD
+
-
tp
0V
vary tP to obtain
required peak IAS
VGS
tAV
tP
IAS
VDS
VDD
BVDSS
Figure 30. Switching Time Test
Circuit
VDS
RL
RGEN
DUT
VDD
VGS
Pulse Width
≤ 1µs
Duty Cycle
≤ 0.1%
VGS
+
-
tr
tf
td(ON)
td(OFF
)
tON
tOFF
Pulse Width
10%
10%
90%
10%
90%
50%
90%
50%
0V
0V
VGS
VDS
Figure 28. Gate Charge Test Circuit
Figure 29. Gate Charge Waveform
VGS
QGS
QGD
QG(TOT)
10V
Charge, (nC)
DUT
VDD
VGS
Ig(REF
+
-
+
-
Same type as
Drain Current
1
µF
10
µF
10V
50k


Podobny numer części - FDS6900AS_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6900S FAIRCHILD-FDS6900S Datasheet
154Kb / 9P
   Dual N-Ch PowerTrench SyncFet
More results

Podobny opis - FDS6900AS_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6900S FAIRCHILD-FDS6900S Datasheet
154Kb / 9P
   Dual N-Ch PowerTrench SyncFet
FDS6990AS FAIRCHILD-FDS6990AS_08 Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990S FAIRCHILD-FDS6990S Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDMS1D4N03S ONSEMI-FDMS1D4N03S Datasheet
613Kb / 9P
   N-Channel PowerTrench SyncFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDU6676AS FAIRCHILD-FDU6676AS_08 Datasheet
687Kb / 7P
   N-Channel PowerTrench SyncFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com