Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5473DC-T1 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI5473DC-T1
Szczegółowy opis  P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5473DC-T1 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI5473DC-T1 Datasheet HTML 1Page - Vishay Siliconix SI5473DC-T1 Datasheet HTML 2Page - Vishay Siliconix SI5473DC-T1 Datasheet HTML 3Page - Vishay Siliconix SI5473DC-T1 Datasheet HTML 4Page - Vishay Siliconix SI5473DC-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS
D Low rDS(on) and Excellent Power Handling In
Compact Footprint
APPLICATIONS
D Battery and Load Switch for Portable Devices
Si5473DC
Vishay Siliconix
New Product
Document Number: 72261
S-31265—Rev. A, 16-Jun-03
www.vishay.com
1
P-Channel 12-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.027 @ VGS = -4.5 V
-8.1
-12
0.0335 @ VGS = -2.5 V
-7.3
0.045 @ VGS = -1.8 V
-6.3
1206-8 ChipFET
r
D
D
D
G
D
D
D
S
1
S
G
D
P-Channel MOSFET
Bottom View
Marking Code
BI
XXX
Lot Traceability
and Date Code
Part #
Code
Ordering Information:
Si5473DC-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
-12
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
-8.1
-5.9
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
-5.9
-4.3
A
Pulsed Drain Current
IDM
"20
A
Continuous Source Currenta
IS
-2.1
-1.1
Maximum Power Dissipationa
TA = 25_C
PD
2.5
1.3
W
Maximum Power Dissipationa
TA = 85_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
Soldering Recommendations (Peak Temperature)b, c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
40
50
Maximum Junction-to-Ambienta
Steady State
RthJA
80
95
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
15
20
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singula-
tion process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder inter-
connection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Podobny numer części - SI5473DC-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI547 SKYWORKS-SI547 Datasheet
1Mb / 22P
   Ultra Low Jitter Quad Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206615A May, 2023
logo
Vishay Siliconix
SI5471DC VISHAY-SI5471DC Datasheet
218Kb / 11P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI5471DC-T1-GE3 VISHAY-SI5471DC-T1-GE3 Datasheet
218Kb / 11P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI5471DC-T1-GE3 VISHAY-SI5471DC-T1-GE3 Datasheet
263Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5471DC VISHAY-SI5471DC_V01 Datasheet
263Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI5473DC-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com