Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43L840 Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL43L840
Szczegółowy opis  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L840 Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL43L840 Datasheet HTML 1Page - Intersil Corporation ISL43L840 Datasheet HTML 2Page - Intersil Corporation ISL43L840 Datasheet HTML 3Page - Intersil Corporation ISL43L840 Datasheet HTML 4Page - Intersil Corporation ISL43L840 Datasheet HTML 5Page - Intersil Corporation ISL43L840 Datasheet HTML 6Page - Intersil Corporation ISL43L840 Datasheet HTML 7Page - Intersil Corporation ISL43L840 Datasheet HTML 8Page - Intersil Corporation ISL43L840 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6096.1
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. ADDRESS tTRANS MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1B. ADDRESS tTRANS TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. Q MEASUREMENT POINTS
FIGURE 2B. Q TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. tBBM MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 3B. tBBM TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
50%
tr < 5ns
tf < 5ns
tTRANS
90%
V+
0V
0V
tTRANS
LOGIC
INPUT
SWITCH
OUTPUT
10%
VOUT
0V
VA0, VB0
VOUT
V(NO or NC)
RL
RL R ON
()
+
------------------------------
=
LOGIC
INPUT
VOUT
RL
COMA
A0,B0
ADD1-0
50
35pF
GND
A1-A3
CL
V+
C
V+
C
COMB
B1-B3
VOUT
∆V
OUT
OFF
ON
OFF
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
V+
0V
CL
VOUT
RG
VG
GND
COMA
Ax, Bx
LOGIC
INPUT
ADDX
V+
C
Repeat test for other switches.
1nF
0
COMB
90%
V+
0V
tBBM
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
tr < 5ns
tf < 5ns
LOGIC
INPUT
ADD1-0
COMA
RL
CL
VOUT
35pF
50
A0-A3
GND
V+
C
V+
C
B0-B3
COMB
ISL43L840


Podobny numer części - ISL43L840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
ISL43L840IR INTERSIL-ISL43L840IR Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
logo
Renesas Technology Corp
ISL43L840IR RENESAS-ISL43L840IR Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
More results

Podobny opis - ISL43L840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058_14 Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
logo
Renesas Technology Corp
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com