Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43L840IV-T Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL43L840IV-T
Szczegółowy opis  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L840IV-T Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL43L840IV-T Datasheet HTML 3Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 4Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 5Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 6Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 7Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 8Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 9Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 10Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN6096.1
reduced and the resistance may increase, especially at low
supply voltages.
Power-Supply Considerations
The ISL43L840 construction is typical of most CMOS analog
switches, in that they have two supply pins: V+ and GND. V+
and GND drive the internal CMOS switches and set their
analog voltage limits. Unlike switches with a 4V maximum
supply voltage, the ISL43L840 4.7V maximum supply
voltage provides plenty of room for the 10% tolerance of
3.6V supplies, as well as room for overshoot and noise
spikes.
The minimum recommended supply voltage is 1.6V but the
part will operate with a supply below 1.5V. It is important to
note that the input signal range, switching times, and on-
resistance degrade at lower supply voltages. Refer to the
electrical specification tables and Typical Performance
curves for details.
V+ and GND power the internal logic (thus setting the digital
switching point) and level shifters. The level shifters convert
the logic levels to switched V+ and V- signals to drive the
analog switch gate terminals.
Logic-Level Thresholds
The device is 1.8V CMOS compatible (0.5V and 1.4V) over a
supply range of 2.0V to 3.6V (see Figure 13). At 3.6V the VIH
level is about 1.27V. This is still below the 1.8V CMOS
guaranteed high output minimum level of 1.4V, but noise
margin is reduced.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving
the digital input signals from GND to V+ with a fast transition
time minimizes power dissipation.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat even past
10MHz with a -3dB bandwidth of 70MHz (see Figure 15).
The frequency response is very consistent over a wide V+
range, and for varying analog signal levels.
An OFF switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal feed
through from a switch’s input to its output. Off Isolation is the
resistance to this feed-through, while Crosstalk indicates the
amount of feed-through from one switch to another.
Figure 16 details the high Off Isolation and Crosstalk
rejection provided by this family. At 100kHz, Off Isolation is
about 65dB in 50
Ω systems, decreasing approximately 20dB
per decade as frequency increases. Higher load
impedances decrease Off Isolation and Crosstalk rejection
due to the voltage divider action of the switch OFF
impedance and the load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND.
One of these diodes conducts if any analog signal exceeds
V+ or GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or GND and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and GND pins constitutes the analog-
signal-path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and V+ or GND.
FIGURE 8. OVERVOLTAGE PROTECTION
GND
VCOM
VNOx
OPTIONAL PROTECTION
V+
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
FOR LOGIC
INPUTS
ADDX
1k
ISL43L840


Podobny numer części - ISL43L840IV-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43L840IV-T INTERSIL-ISL43L840IV-T Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
logo
Renesas Technology Corp
ISL43L840IV-T RENESAS-ISL43L840IV-T Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
More results

Podobny opis - ISL43L840IV-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058_14 Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
logo
Renesas Technology Corp
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com