Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL23711UIU10Z Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL23711UIU10Z
Szczegółowy opis  Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23711UIU10Z Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL23711UIU10Z Datasheet HTML 1Page - Intersil Corporation ISL23711UIU10Z Datasheet HTML 2Page - Intersil Corporation ISL23711UIU10Z Datasheet HTML 3Page - Intersil Corporation ISL23711UIU10Z Datasheet HTML 4Page - Intersil Corporation ISL23711UIU10Z Datasheet HTML 5Page - Intersil Corporation ISL23711UIU10Z Datasheet HTML 6Page - Intersil Corporation ISL23711UIU10Z Datasheet HTML 7Page - Intersil Corporation ISL23711UIU10Z Datasheet HTML 8Page - Intersil Corporation ISL23711UIU10Z Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN6127.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil, Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL23711
Volatile Digitally Controlled Potentiometer (XDCP™)
Terminal Voltage ±3V or ±5V, 128 Taps I2C
Serial Interface
The Intersil ISL23711 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, and a control section. The wiper position is
controlled by an I2C interface.
The potentiometer is implemented by a resistor array
composed of 127 resistive elements and a wiper switching
network. The wiper terminal can be connected to either end
of the resistor array or at any one of the Tap Positions in
between, providing 128 steps of resolution between RL and
RH. The “position” of the wiper is determined by the value
assigned to the volatile Wiper Register (WR). The WR can
be directly written to and read from using standard I2C
interface protocol. The device is available in either a 10k
Ω or
50k
Ω version.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including:
• Industrial and Automotive Control
• Parameter and Bias Adjustments
• Amplifier Bias and Control
Features
•I2C Serial Interface with Hardwire Slave Address Allows
up to Four Devices
• DCP Terminal Voltage, from V- to VCC
• 127 Resistive Elements
- Typical RTOTAL tempco ±50ppm/°C
- Typical ratiometric tempco ±4ppm/°C
- End to end resistance range ±20%
- Wiper resistance = 70
Ω typ at VCC = 3.3V
• Low Power CMOS
- Standby current, 500nA max
- Active current, 200
µA max
-VCC = 2.7V to 5.5V
- V- = -2.7V to -5.5V
•RTOTAL Values = 10kΩ, 50kΩ
• Volatile Wiper Storage
• Package
-10 Ld MSOP
• Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
ISL23711
(10 LD MSOP)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
RESISTANCE
OPTION (
Ω)
TEMP
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL23711WIU10Z
(AOE) (Notes 1, 2)
10K
-40 to +85 10 Ld MSOP
(Pb-Free)
M10.118
ISL23711UIU10Z
(AOD) (Notes 1, 2)
50K
-40 to +85 10 Ld MSOP
(Pb-Free)
M10.118
NOTES:
1. Add “-T” suffix for tape and reel.
2. Intersil Pb-free plus anneal products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both
SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
GND
SCL
SDA
V-
1
2
3
4
10
9
8
7
RH
RW
A0
VCC
5
RL
6
A1
Data Sheet
August 16, 2005


Podobny numer części - ISL23711UIU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL23711UIU10Z RENESAS-ISL23711UIU10Z Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
More results

Podobny opis - ISL23711UIU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com