Zakładka z wyszukiwarką danych komponentów |
|
GS1515 Arkusz danych(PDF) 2 Page - Gennum Corporation |
|
GS1515 Arkusz danych(HTML) 2 Page - Gennum Corporation |
2 / 17 page 522 - 23 - 01 2 ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE Supply Voltage -0.5 VDC to +5.5VDC Input Voltage Range -0.3 < VIN < VDD + 0.3V Input ESD Voltage 2000V Operating Temperature Range 0°C TA to 70°C Storage Temperature Range -40°C TS to 125°C Lead Temperature (soldering, 10 sec) 260°C DC ELECTRICAL CHARACTERISTICS VCC = +5V, TA = 0°C to 70°C unless otherwise specified PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS NOTES Positive Supply Voltage VCC 4.75 5.00 5.25 V 1 Power Consumption (without GO1515 VCO) TA = 25°C PD Cable Driver Output 800mV into 75 Ω load, RSET = 52.3Ω, ± 1% - 500 - mW 1 Used as a buffer O/P 200mV into 75 Ω load, RSET = 210Ω, ± 1% - 420 - mW 3 Supply Current (without GO1515 VCO) TA = 25°C VCC = 5V ΙC Cable Driver Output 800mV into 75 Ω load, RSET = 52.3Ω, ± 1% - 100 125 mA 1 Used as a buffer O/P 200mV into 75 Ω load, RSET = 210Ω, ± 1% - 84 111 mA 3 Logic Input Low VIL -0.5 - 0.8 V 1 Logic Input High VIH 2.0 - VCC + 0.5 V1 Logic Output Low VOL at 400µA - - 0.5 V 1 Logic Output High VOH at 150µA 2.4 3.5 - V 1 Serial Input, common mode VDDI-CM 2.5 + VSID/2 - VCC - VSID/2 V 2, 4 Serial Input, differential VSID 100 - 800 mV 2, 4 Serial Outputs, tuning range VSOD 0 800 880 mV 4 |
Podobny numer części - GS1515 |
|
Podobny opis - GS1515 |