Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC4046 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części 74HC4046
Szczegółowy opis  Phase-Locked Loop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC4046 Arkusz danych(HTML) 5 Page - ON Semiconductor

  74HC4046 Datasheet HTML 1Page - ON Semiconductor 74HC4046 Datasheet HTML 2Page - ON Semiconductor 74HC4046 Datasheet HTML 3Page - ON Semiconductor 74HC4046 Datasheet HTML 4Page - ON Semiconductor 74HC4046 Datasheet HTML 5Page - ON Semiconductor 74HC4046 Datasheet HTML 6Page - ON Semiconductor 74HC4046 Datasheet HTML 7Page - ON Semiconductor 74HC4046 Datasheet HTML 8Page - ON Semiconductor 74HC4046 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC74HC4046A
http://onsemi.com
5
[VCO Section]
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
VCC
– 55 to 25
_C
≤ 85°C
≤ 125°C
Symbol
Parameter
VCC
Volts
Min
Max
Min
Max
Min
Max
Unit
∆f/T
Frequency Stability with
Temperature Changes
(Figure 13A, B, C)
3.0
4.5
6.0
%/K
fo
VCO Center Frequency
(Duty Factor = 50%)
(Figure 14A, B, C, D)
3.0
4.5
6.0
3
11
13
MHz
∆fVCO
VCO Frequency Linearity
3.0
4.5
6.0
See Figures 15A, B, C
%
∂ VCO
Duty Factor at VCOOUT
3.0
4.5
6.0
Typical 50%
%
[Demodulator Section]
DC ELECTRICAL CHARACTERISTICS
Guaranteed Limit
VCC
– 55 to 25
_C
≤ 85°C
≤ 125°C
Symbol
Parameter
Test Conditions
VCC
Volts
Min
Max
Min
Max
Min
Max
Unit
RS
Resistor Range
At RS > 300 k
Ω the
Leakage Current can
Influence VDEMOUT
3.0
4.5
6.0
50
50
50
300
300
300
k
VOFF
Offset Voltage
VCOIN to VDEMOUT
Vi = VVCOIN = 1/2 VCC;
Values taken over RS
Range.
3.0
4.5
6.0
See Figure 12
mV
RD
Dynamic Output
Resistance at DEMOUT
VDEMOUT = 1/2 VCC
3.0
4.5
6.0
Typical 25


Podobny numer części - 74HC4046

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4046 PHILIPS-74HC4046 Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
logo
System Logic Semiconduc...
74HC4046 SLS-74HC4046 Datasheet
134Kb / 12P
   Phase-Locked Loop
logo
Fairchild Semiconductor
74HC4046 FAIRCHILD-74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
logo
Nexperia B.V. All right...
74HC4046A NEXPERIA-74HC4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results

Podobny opis - 74HC4046

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com